Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS3A24159 Datasheet(PDF) 6 Page - Texas Instruments |
|
|
TS3A24159 Datasheet(HTML) 6 Page - Texas Instruments |
6 / 25 page www.ti.com ELECTRICAL CHARACTERISTICS FOR 2.5-V SUPPLY (1) TS3A24159 0.3- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS238C – MARCH 2007 – REVISED FEBRUARY 2008 V+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25 °C 0.35 Peak ON 0 ≤ (VNO or VNC) ≤ V+, Switch ON, rpeak 2.3 V Ω resistance ICOM = –8 mA, See Figure 10 Full 0.45 25 °C ON-state VNO or VNC = 1.8 V, Switch ON, ron 2.3 V Ω resistance ICOM = –8 mA, See Figure 10 Full 0.4 ON-state 25 °C 0.01 0.05 VNO or VNC = 1.8 V, 0.8 V, Switch ON, resistance match Δron 2.3 V Ω ICOM = –8 mA, See Figure 10 Full 0.05 0.05 between channels 0 ≤ (VNO or VNC) ≤ V+, Switch ON, 25 °C 0.05 ICOM = –8 mA, See Figure 10 ON-state ron(flat) 2.3 V Ω resistance flatness 25 °C 0.03 0.08 VNO or VNC = 0.8 V, 1.8 V, Switch ON, ICOM = –8 mA, See Figure 10 Full 0.1 NC, NO VNC or VNO = 0.5 V, VCOM = 2.2 V, 25 °C –10 10 INC(OFF), Switch OFF, OFF leakage or 2.7 V nA INO(OFF) See Figure 11 Full –50 50 current VNC or VNO = 2.2 V, VCOM = 0.5 V, NC, NO VNC or VNO = 0.5 V, VCOM = Open, 25 °C –10 10 INC(ON), Switch ON, ON leakage or 2.7 V nA INO(ON) See Figure 12 Full –100 100 current VNC or VNO = 2.2 V, VCOM = Open, COM VNC or VNO = Open, VCOM = 0.5 V, 25 °C –10 10 Switch ON, ON leakage ICOM(ON) or 2.7 V nA See Figure 12 Full –100 100 current VNC or VNO = Open, VCOM = 2.2 V, Digital Control Inputs (IN1, IN2)(2) Input logic high VIH Full 1.25 V Input logic low VIL Full 0.5 V 25 °C –40 5 40 Input leakage IIH, IIL VI = 2.7 V or 0 2.7 V nA current Full –50 50 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum. (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 6 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): TS3A24159 |
Número de pieza similar - TS3A24159 |
|
Descripción similar - TS3A24159 |