Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TSB43EB42 Datasheet(PDF) 9 Page - Texas Instruments |
|
TSB43EB42 Datasheet(HTML) 9 Page - Texas Instruments |
9 / 13 page TSB43EA/EB/EC42 TI IEEE 1394a-2000 TSB43EA/EB/EC43 Consumer Electronics Solution SLLA275A – April 2008 – Revised July 2008 Released – v1.1 Figure 2. TSB43EC2/43 in STB Application The set top box receives the MPEG2 transport stream from either satellite or cable sources. The MPEG2 transport stream is input to the TSB43EC42/43 HSDI port in AES encrypted format. The TSB43EC42/43 decrypts the packets received over the HSDI port, performs any PID filtering or packet insertion, encrypt the stream using M6 cipher, and transmit the stream over 1394. The set top box also creates on-screen display (OSD) graphics to transmit to the sink device. The system inputs the OSD data to the TSB43Ex42/43 asynchronous transmit buffer. The TSB43EC42/43 transmits the OSD using asynchronous packets to the sink device. PRODUCTION DATA Information is current as of publication date. Products conform to specifications per the terms of Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Copyright 2008, Texas Instruments Incorporated POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 9 |
Número de pieza similar - TSB43EB42 |
|
Descripción similar - TSB43EB42 |