Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TPS799275YZUT Datasheet(PDF) 9 Page - Texas Instruments |
|
TPS799275YZUT Datasheet(HTML) 9 Page - Texas Instruments |
9 / 30 page www.ti.com 50ms/div 7 6 5 4 3 2 1 0 −1 V IN V OUT R L = 19Ω TPS799xx SBVS056I – JANUARY 2005 – REVISED NOVEMBER 2007 TYPICAL CHARACTERISTICS (continued) Over operating temperature range (TJ= –40°C to +125°C), VIN = VOUT(TYP) + 0.3V or 2.7V, whichever is greater; IOUT = 1mA, VEN = VIN, COUT = 2.2µF, CNR = 0.01µF, unless otherwise noted. For TPS79901, VOUT = 3.0V. Typical values are at TJ = +25°C. TPS799285 POWER-UP/POWER-DOWN Figure 27. Copyright © 2005–2007, Texas Instruments Incorporated Submit Documentation Feedback 9 |
Número de pieza similar - TPS799275YZUT |
|
Descripción similar - TPS799275YZUT |