Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCH6321 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza MCH6321
Descripción Electrónicos  P-Channel Silicon MOSFET General-Purpose Switching Device Applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

MCH6321 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  MCH6321 Datasheet HTML 1Page - Sanyo Semicon Device MCH6321 Datasheet HTML 2Page - Sanyo Semicon Device MCH6321 Datasheet HTML 3Page - Sanyo Semicon Device MCH6321 Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MCH6321
No. A0963-1/4
TOKYO OFFICE Tokyo Bldg., 1-10, 1 Chome, Ueno, Taito-ku, TOKYO, 110-8534 JAPAN
Ordering number : ENA0963
MCH6321
P-Channel Silicon MOSFET
General-Purpose Switching Device
Applications
SANYO Semiconductors
DATA SHEET
Features
1.8V drive
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Drain-to-Source Voltage
VDSS
--20
V
Gate-to-Source Voltage
VGSS
±10
V
Drain Current (DC)
ID
--4
A
Drain Current (Pulse)
IDP
PW≤10µs, duty cycle≤1%
--16
A
Allowable Power Dissipation
PD
Mounted on a ceramic board (1200mm2
✕0.8mm)
1.5
W
Channel Temperature
Tch
150
°C
Storage Temperature
Tstg
--55 to +150
°C
Electrical Characteristics at Ta=25°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Drain-to-Source Breakdown Voltage
V(BR)DSS
ID=--1mA, VGS=0V
--20
V
Zero-Gate Voltage Drain Current
IDSS
VDS=--20V, VGS=0V
--1
µA
Gate-to-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
Cutoff Voltage
VGS(off)
VDS=--10V, ID=--1mA
--0.4
--1.3
V
Forward Transfer Admittance
⏐yfs⏐
VDS=--10V, ID=--2A
2.5
4.3
S
RDS(on)1
ID=--2A, VGS=--4.5V
63
83
mΩ
Static Drain-to-Source On-State Resistance
RDS(on)2
ID=--1A, VGS=--2.5V
88
125
mΩ
RDS(on)3
ID=--0.2A, VGS=--1.8V
130
200
mΩ
Marking : JV
Continued on next page.
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
's products or
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
N1407PE TI IM TC-00001027


Número de pieza similar - MCH6321

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
MCH6321 SANYO-MCH6321 Datasheet
491Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
MCH6321 ONSEMI-MCH6321 Datasheet
774Kb / 5P
   P-Channel Power MOSFET
March, 2014
MCH6321-TL-E ONSEMI-MCH6321-TL-E Datasheet
774Kb / 5P
   P-Channel Power MOSFET
March, 2014
MCH6321-TL-W ONSEMI-MCH6321-TL-W Datasheet
774Kb / 5P
   P-Channel Power MOSFET
March, 2014
logo
Sanyo Semicon Device
MCH6321 SANYO-MCH6321_12 Datasheet
491Kb / 7P
   General-Purpose Switching Device Applications
More results

Descripción similar - MCH6321

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
FW156 SANYO-FW156 Datasheet
37Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3322 SANYO-MCH3322 Datasheet
38Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH3374 SANYO-MCH3374 Datasheet
55Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1307 SANYO-EMH1307 Datasheet
336Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EMH1303 SANYO-EMH1303 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6325 SANYO-MCH6325 Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
MCH6655 SANYO-MCH6655 Datasheet
60Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SCH2311 SANYO-SCH2311 Datasheet
59Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
SMP3003 SANYO-SMP3003 Datasheet
242Kb / 3P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4306C SANYO-EC4306C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
EC4309C SANYO-EC4309C Datasheet
58Kb / 4P
   P-Channel Silicon MOSFET General-Purpose Switching Device Applications
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com