Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
TS1220-700H Datasheet(PDF) 6 Page - STMicroelectronics |
|
TS1220-700H Datasheet(HTML) 6 Page - STMicroelectronics |
6 / 11 page TN12, TS12 and TYNx12 Series 6/11 Figure 15: Ordering Information Scheme (TN8 series) Figure 16: Ordering Information Scheme (TS8 series) Figure 17: Ordering Information Scheme (TYN08 series) TN 12 15 - 600 B (-TR) Standard SCR series Sensitivity Voltage Package Packing mode Current 12 = 12A D PAK) 15 = 15mA 600 = 600V 800 = 800V 1000 = 1000V B = DPAK G = D PAK H = IPAK Blanck = Tube -TR = Tape & Reel (DPAK and 2 2 TS 12 20 - 600 B (-TR) Sensitive SCR series Sensitivity Voltage Package Packing mode Current 12 = 12A 20 = 200µA 600 = 600V 700 = 700V B = DPAK H = IPAK Blanck = Tube -TR = Tape & Reel TYN 6 12 T RG Standard SCR series Packing mode Voltage Current Sensitivity 6 = 600V 8 = 800V 10 = 100V 12 = 12A Blanck = 30mA T = 15mA RG = Tube |
Número de pieza similar - TS1220-700H |
|
Descripción similar - TS1220-700H |