Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM-5308 Datasheet(PDF) 1 Page - Sanyo Semicon Device

No. de pieza AM-5308
Descripción Electrónicos  Amorphous Solar Cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

AM-5308 Datasheet(HTML) 1 Page - Sanyo Semicon Device

  AM-5308 Datasheet HTML 1Page - Sanyo Semicon Device AM-5308 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
O2908HKIM No.A1298-1/2
AM-5308
Package Dimensions (unit : mm)
Note: Glass Substrate Thickness
: 1.1mm
Module Thickness
: 1.3mm max
Ordering number : ENA1298
Specifications of any and all SANYO Semiconductor Co.,Ltd. products described or contained herein stipulate
the performance, characteristics, and functions of the described products in the independent state, and are not
guarantees of the performance, characteristics, and functions of the described products as mounted in the
customer
's products or equipment. To verify symptoms and states that cannot be evaluated in an independent
device, the customer should always evaluate and test devices mounted in the customer
'sproductsor
equipment.
Any and all SANYO Semiconductor Co.,Ltd. products described or contained herein are, with regard to
"standard application", intended for the use as general electronics equipment (home appliances, AV equipment,
communication device, office equipment, industrial equipment etc.). The products mentioned herein shall not be
intended for use for any "special application" (medical equipment whose purpose is to sustain life, aerospace
instrument, nuclear control device, burning appliances, transportation machine, traffic signal system, safety
equipment etc.) that shall require extremely high level of reliability and can directly threaten human lives in case
of failure or malfunction of the product or may cause harm to human bodies, nor shall they grant any guarantee
thereof. If you should intend to use our products for applications outside the standard applications of our
customer who is considering such use and/or outside the scope of our intended standard applications, please
consult with us prior to the intended use. If there is no consultation or inquiry before the intended use, our
customer shall be solely responsible for the use.
Glass Juts(4 Corners)
Width : 0.6MAX, Length : 6.0MAX
Electrode
Electrode
Overcoat Side
Light Receiving Side
3.1
±0.3
50.1
±0.3
Effective Area
42.0
(4.0)
(4.1)
±0.2


Número de pieza similar - AM-5308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
AM-530-EUR ETC-AM-530-EUR Datasheet
1Mb / 2P
   Digital Multimeters
More results

Descripción similar - AM-5308

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8704 SANYO-AM-8704 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812 Datasheet
44Kb / 2P
   Amorphous Solar Cell
B283 SANYO-B283 Datasheet
47Kb / 2P
   Amorphous Solar Cell
AM-8706 SANYO-AM-8706 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812_08 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-5813 SANYO-AM-5813 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8801 SANYO-AM-8801 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-8701 SANYO-AM-8701 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8703 SANYO-AM-8703 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8804 SANYO-AM-8804 Datasheet
41Kb / 2P
   Amorphous Solar Cell
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com