Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AM-5814 Datasheet(PDF) 2 Page - Sanyo Semicon Device

No. de pieza AM-5814
Descripción Electrónicos  Amorphous Solar Cell
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  SANYO [Sanyo Semicon Device]
Página de inicio  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

AM-5814 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  AM-5814 Datasheet HTML 1Page - Sanyo Semicon Device AM-5814 Datasheet HTML 2Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AM-5814
No.A1300-2/2
Ratings at Ta = 25
°C
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Open Circuit Voltage
Voc
SS 50kLx
6.8
V
Short Circuit Current
Isc
SS 50kLx
18.9
mA
SS 50kLx, Vope=4.5V
13.9
17.4
mA
Operating Voltage & Operating Current
Iope
AM-1.5, 100mW/cm
2, Vope=4.5V
38.6
mA
SS 50kLx, Vop=5.2V, Iop=16.4mA
85
mW
Maximum Output
(Reference Value)
Pmax
AM-1.5, 100mW/cm
2, Vop=5.2V,
Iop=34.7mA
180
mW
Operating Temperature
Topr
-10 to +60
°C
Storage Temperature
Tstg
-20 to +70
°C
SS: Solar Simulator
PS
SANYO Semiconductor Co.,Ltd. assumes no responsibility for equipment failures that result from using
products at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor Co.,Ltd.
products described or contained herein.
SANYO Semiconductor Co.,Ltd. strives to supply high-quality high-reliability products, however, any and all
semiconductor products fail or malfunction with some probability. It is possible that these probabilistic failures or
malfunction could give rise to accidents or events that could endanger human lives, trouble that could give rise
to smoke or fire, or accidents that could cause damage to other property. When designing equipment, adopt
safety measures so that these kinds of accidents or events cannot occur. Such measures include but are not
limited to protective circuits and error prevention circuits for safe design, redundant design, and structural
design.
Upon using the technical information or products described herein, neither warranty nor license shall be granted
with regard to intellectual property rights or any other rights of SANYO Semiconductor Co.,Ltd. or any third
party. SANYO Semiconductor Co.,Ltd. shall not be liable for any claim or suits with regard to a third party's
intellectual property rights which has resulted from the use of the technical information and products mentioned
above.
Information (including circuit diagrams and circuit parameters) herein is for example only; it is not guaranteed
for volume production.
Any and all information described or contained herein are subject to change without notice due to
product/technology improvement, etc. When designing equipment, refer to the "Delivery Specification" for the
SANYO Semiconductor Co.,Ltd. product that you intend to use.
In the event that any or all SANYO Semiconductor Co.,Ltd. products described or contained herein are
controlled under any of applicable local export control laws and regulations, such products may require the
export license from the authorities concerned in accordance with the above law.
No part of this publication may be reproduced or transmitted in any form or by any means, electronic or
mechanical, including photocopying and recording, or any information storage or retrieval system, or otherwise,
without the prior written consent of SANYO Semiconductor Co.,Ltd.
This catalog provides information as of October, 2008. Specifications and information herein are subject
to change without notice.


Número de pieza similar - AM-5814

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
AM-5812 SANYO-AM-5812 Datasheet
44Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812_08 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-5813 SANYO-AM-5813 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5815 SANYO-AM-5815 Datasheet
40Kb / 2P
   Amorphous Solar Cell
More results

Descripción similar - AM-5814

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Sanyo Semicon Device
AM-8702 SANYO-AM-8702 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8704 SANYO-AM-8704 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812 Datasheet
44Kb / 2P
   Amorphous Solar Cell
B283 SANYO-B283 Datasheet
47Kb / 2P
   Amorphous Solar Cell
AM-8706 SANYO-AM-8706 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-5812 SANYO-AM-5812_08 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-5813 SANYO-AM-5813 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8801 SANYO-AM-8801 Datasheet
41Kb / 2P
   Amorphous Solar Cell
AM-8701 SANYO-AM-8701 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8703 SANYO-AM-8703 Datasheet
40Kb / 2P
   Amorphous Solar Cell
AM-8804 SANYO-AM-8804 Datasheet
41Kb / 2P
   Amorphous Solar Cell
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com