Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MKT367 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza MKT367
Descripción Electrónicos  Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MKT367 Datasheet(HTML) 3 Page - Vishay Siliconix

  MKT367_08 Datasheet HTML 1Page - Vishay Siliconix MKT367_08 Datasheet HTML 2Page - Vishay Siliconix MKT367_08 Datasheet HTML 3Page - Vishay Siliconix MKT367_08 Datasheet HTML 4Page - Vishay Siliconix MKT367_08 Datasheet HTML 5Page - Vishay Siliconix MKT367_08 Datasheet HTML 6Page - Vishay Siliconix MKT367_08 Datasheet HTML 7Page - Vishay Siliconix MKT367_08 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28104
78
Revision: 18-Nov-05
MKT 367
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Epoxy Lacquered Type
URdc = 63 V; URac = 40 V
C
(µF)
DIMENSIONS
Wmax
× Hmax × Lmax
(mm)
MASS
(g)
CATALOG NUMBER 2222 367 ..... AND PACKAGING
LOOSE IN BOX
AMMOPACK
lt
=
4.0
+ 1.0/− 0.5 mm
lt
=
22.0
± 4.0 mm
H
= 18.5 mm
C-tol
=± 10 %
C-tol
=± 5 %
SPQ
SPQ
C-TOL
=± 10 % C-TOL =± 5 %
SPQ
last 5 digits of
catalog
number
last 5 digits of
catalog
number
last 5 digits of
catalog number
last 5 digits of
catalog
number
Pitch
= 5.0 + 0.4/− 0.2 mm; d
t = 0.50 ± 0.05 mm
0.047
4.0
× 9.5 × 7.3
0.3
75473
76473
1000
1000
73473
77473
1500
0.056
75563
76563
73563
77563
0.068
75683
76683
73683
77683
0.082
75823
76823
73823
77823
0.1
75104
76104
73104
77104
0.12
75124
76124
73124
77124
0.15
4.0
× 9.5 × 7.3
0.3
75154
76154
1000
1000
73154
77154
1500
0.18
4.0
× 9.5 × 7.3
0.4
75184
76184
1000
1000
73184
77184
1500
0.22
4.2
× 9.7 × 7.3
0.4
75224
76224
1000
1000
73224
77224
1000
0.27
4.5
× 10.0 × 7.3
0.4
75274
76274
1000
1000
73274
77274
1000
0.33
4.5
× 11.0 × 7.3
0.4
75334
76334
1000
1000
73334
77334
1000
0.39
75394
76394
73394
77394
0.47
4.5
× 11.0 × 7.3
0.4
75474
76474
1000
1000
73474
77474
1000
0.56
5.0
× 10.5 × 7.3
0.4
75564
76564
1000
1000
73564
77564
1000
0.68
5.5
× 11.0 × 7.3
0.4
75684
76684
1000
1000
73684
77684
1000
0.82
5.5
× 12.0 × 7.3
0.5
75824
76824
1000
1000
73824
77824
1000
1.0
5.5
× 12.0 × 7.3
0.5
75105
76105
1000
1000
73105
77105
1000
Pitch
= 7.5 + 0.4/− 0.2 mm; d
t = 0.60 ± 0.06 mm
0.12
4.0
× 9.5 × 10.0
0.4
15124
16124
1000
1000
13124
17124
1500
0.15
15154
16154
13154
17154
0.18
15184
16184
13184
17184
0.22
15224
16224
13224
17224
0.27
4.5
× 10.0 × 10.5
0.5
15274
16274
1000
1000
13274
17274
1000
0.33
5.0
× 10.5 × 10.5
0.5
15334
16334
1000
1000
13334
17334
1000
0.39
0.6
15394
16394
13394
17394
0.47
5.5
× 11.0 × 10.5
0.7
15474
16474
1000
1000
13474
17474
1000
0.56
5.5
× 12.0 × 10.5
0.8
15564
16564
1000
1000
13564
17564
1000
0.68
15684
16684
13684
17684
0.82
15824
16824
13824
17824
1.0
15105
16105
13105
17105


Número de pieza similar - MKT367_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
logo
List of Unclassifed Man...
MKT367 ETC2-MKT367 Datasheet
181Kb / 30P
   Metallized polyester film capacitors
logo
Vishay Siliconix
MKT367 VISHAY-MKT367 Datasheet
192Kb / 23P
   DC Film Capacitors MKT Radial Lacquered Type
Revision: 23-Oct-08
More results

Descripción similar - MKT367_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MKT367 VISHAY-MKT367 Datasheet
69Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT469 VISHAY-MKT469 Datasheet
90Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 29-Aug-03
BFC236845224 VISHAY-BFC236845224 Datasheet
113Kb / 10P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366_08 Datasheet
294Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
BFC236845104 VISHAY-BFC236845104 Datasheet
140Kb / 11P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT467 VISHAY-MKT467 Datasheet
128Kb / 6P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 28-Feb-05
MKT368 VISHAY-MKT368 Datasheet
166Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
10-Sep-03
MKT468 VISHAY-MKT468 Datasheet
360Kb / 9P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 21-Nov-05
MKT366 VISHAY-MKT366 Datasheet
295Kb / 8P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 18-Nov-05
MKT365 VISHAY-MKT365 Datasheet
86Kb / 7P
   Metallized Polyester Film Capacitors MKT Radial Epoxy Lacquered Type
Revision: 09-Nov-04
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com