Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MKT373 Datasheet(PDF) 6 Page - Vishay Siliconix

No. de Pieza. MKT373
Descripción  Metallized Polyester Film Capacitors MKT Radial Potted Type
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

MKT373 Datasheet(HTML) 6 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28111
126
Revision: 21-Nov-05
MKT 373 Standard Size
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Potted Type
URdc = 400 V; URac = 220 V (standard size)
0.82
8.5
× 15.0 × 17.5
2.6
41824
1000
650
1
41105
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
1.2
8.5
× 18.0 × 26.0
4.4
41125
200
450
1.5
41155
1.8
10.0
× 19.5 × 26.0
5.5
41185
200
350
2.2
41225
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
2.7
13.0
× 23.0 × 31.0
10.4
41275
100
3.3
41335
3.9
15.0
× 25.0 × 31.0
12.5
41395
100
4.7
41475
C
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 373 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
C-tol
=± 10 %
LAST 5 DIGITS OF
CATALOG NUMBER
SPQ
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.047
5.0
× 11.0 × 17.5
1.1
51473
1000
1100
0.056
51563
0.068
51683
0.082
51823
0.1
51104
0.12
6.0
× 12.0 × 17.5
1.4
51124
1000
900
0.15
51154
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.18
7.0
× 13.5 × 17.5
1.9
51184
1000
800
0.22
51224
0.27
8.5
× 15.0 × 17.5
2.6
51274
1000
650
0.33
51334
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.39
8.5
× 18.0 × 26.0
4.4
51394
200
450
0.47
51474
0.56
10.0
× 19.5 × 26.0
4.4
51564
200
350
0.68
5.5
51684
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.82
11.0
× 21.0 × 31.0
7.8
51824
100
1
51105
1.2
15.0
× 25.0 × 31.0
12.8
51125
100
1.5
51155
C
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 373 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
C-tol
=± 10 %
LAST 5 DIGITS OF CATALOG
NUMBER
SPQ
SPQ


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn