Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MKT373 Datasheet(PDF) 2 Page - Vishay Siliconix

No. de Pieza. MKT373
Descripción  Metallized Polyester Film Capacitors MKT Radial Potted Type
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

MKT373 Datasheet(HTML) 2 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28111
122
Revision: 21-Nov-05
MKT 373
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Potted Type
COMPOSITION OF CATALOG NUMBER
SPECIFIC REFERENCE DATA
DESCRIPTION
VALUE
Tangent of loss angle:
at 1 kHz
at 10 kHz
at 100 kHz
0.33 µF
< C ≤ 0.47 µF
≤ 75 × 10−4
≤ 130 × 10−4
≤ 300 × 10−4
0.47 µF
< C ≤ 1.0 µF
≤ 75 × 10−4
≤ 130 × 10−4
1.0 µF
< C ≤ 10 µF
≤ 75 × 10−4
≤ 150 × 10−4
C
> 10 µF
≤ 75 × 10−4
−−
Rated voltage pulse slope (dU/dt)R:
at 100 V (DC)
at 250 V (DC)
at 400 V (DC)
at 630 V (DC)
P
= 15 mm
14 V/µs
16 V/µs
34 V/µs
90 V/µs
P
= 22.5mm
5 V/µs
7V/µs
14V/µs
35V/µs
P
= 27.5mm
4 V/µs
6V/µs
12V/µs
30V/µs
R between leads, for C
≤ 0.33 µF:
at 100 V; 1 minute
> 15000 MΩ> 30000 MΩ> 30000 MΩ
at 500 V; 1 minute
> 30000 MΩ
RC between leads, for C
> 0.33 µF:
at 100 V; 1 minute
> 5000 s
> 10000 s
> 10000 s
at 500 V; 1 minute
> 10000 s
R between interconnected leads and case (foil method)
> 30000 MΩ> 30000 MΩ> 30000 MΩ> 30000 MΩ
Withstanding (DC) voltage (cut off current 10 mA);
rise time 100 V/s
160 V; 1 minute
400 V; 1 minute
640 V; 1 minute
1008 V; 1 minute
Withstanding (DC) voltage between leads and case
200 V; 1 minute
500 V; 1 minute
800 V; 1 minute
1260 V; 1 minute
2222
373
XX XX X
BFC2* 373
XX XX X
TYPE AND PITCHES
373
15.0 mm
22.5 mm
27.5 mm
MULTIPLIER
(nF)
0.1
2
1
3
10
4
100
5
CAPACITANCE
(numerically)
Example:
104
= 10 x 10 = 100 nF
TYPE
PACKAGING
LEAD CONFIGURATION
PREFERRED TYPES
C-TOL
100 V
250 V
400 V
630 V
373
loose in box
lead length 5.0
± 1.0 mm
±10 %
23
43
53
63
ON REQUEST
373
loose in box
lead length 5.0
± 1.0 mm
± 5 %
24445464
taped on reel
H
= 18.5 mm; P
0 = 12.7 mm;
reel diameter 356 mm
±10 %
27475767
± 5 %
28485868
* Use this partnumber for those with access to the
Vishay’s SAP system and Partners website within
the Americas


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn