Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MKT373 Datasheet(PDF) 3 Page - Vishay Siliconix

No. de Pieza. MKT373
Descripción  Metallized Polyester Film Capacitors MKT Radial Potted Type
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

MKT373 Datasheet(HTML) 3 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Document Number: 28111
For technical questions contact: filmcaps.roeselare@vishay.com
www.vishay.com
Revision: 21-Nov-05
123
MKT 373 Compact Size
Metallized Polyester Film Capacitors
MKT Radial Potted Type
Vishay BCcomponents
URdc = 100 V; URac = 63 V (compact size)
URdc = 250 V; URac = 160 V (compact size)
C
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 373 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
C-tol
=± 10 %
last 5 digits of catalog number
SPQ
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.33
5.0
× 11.0 × 17.5
1.1
23334
1000
1100
0.39
23394
0.47
23474
0.56
23564
0.68
23684
0.82
23824
1
23105
1.2
23125
1.5
23155
1.8
23185
2.2
6.0
× 12.0 × 17.5
1.4
23225
1000
900
C
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 373 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
C-tol
=± 10 %
LAST 5 DIGITS OF CATALOG
NUMBER
SPQ
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.15
5.0
× 11.0 × 17.5
1.1
43154
1000
1100
0.18
43184
0.22
43224
0.27
43274
0.33
43334
0.39
6.0
× 12.0 × 17.5
1.4
43394
1000
900
0.47
43474
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.56
7.0
× 13.5 × 17.5
1.9
43564
1000
800
0.68
43684
0.82
8.5
× 15.0 × 17.5
2.6
43824
1000
650
1
43105
1.2
10.0
× 16.5 × 17.5
3.1
43125
500
600
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
1.5
8.5
× 18.0 × 26.0
4.4
43155
200
450
1.8
43185
2.2
10.0
× 19.5 × 26.0
5.5
43225
200
350
2.7
43275
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
3.3
11.0
× 21.0 × 31.0
7.8
43335
100
3.9
13.0
× 23.0 × 31.0
10.4
43395
100
4.7
43475


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn