Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

MKT373 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de Pieza. MKT373
Descripción  Metallized Polyester Film Capacitors MKT Radial Potted Type
Descarga  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

MKT373 Datasheet(HTML) 4 Page - Vishay Siliconix

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
www.vishay.com
For technical questions contact: filmcaps.roeselare@vishay.com
Document Number: 28111
124
Revision: 21-Nov-05
MKT 373 Compact Size
Vishay BCcomponents
Metallized Polyester Film Capacitors
MKT Radial Potted Type
URdc = 400 V; URac = 220 V (compact size)
URdc = 630 V; URac = 250 V (compact size)
C
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 373 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
C-tol
=± 10 %
LAST 5 DIGITS OF CATALOG
NUMBER
SPQ
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.047
5.0
× 11.0 × 17.5
1.1
53473
1000
1100
0.056
53563
0.068
53683
0.082
53823
0.1
53104
0.12
53124
0.15
53154
0.18
6.0
× 12.0 × 17.5
1.4
53184
1000
900
0.22
53224
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.27
7.0
× 13.5 × 17.5
1.9
53274
1000
800
0.33
53334
0.39
8.5
× 15.0 × 17.5
2.6
53394
1000
650
0.47
53474
0.56
10.0
× 16.5 × 17.5
3.2
53564
500
600
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.68
8.5
× 18.0 × 26.0
4.4
53684
200
450
0.82
53824
1
10.0
× 19.5 × 26.0
5.5
53105
200
350
1.2
53125
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
1.5
11.0
× 21.0 × 31.0
7.8
53155
100
1.8
13.0
× 23.0 × 31.0
10.5
53185
100
2.2
53225
C
(µF)
DIMENSIONS
w
× h × l
(mm)
MASS
(g)
CATALOG NUMBER 2222 373 ..... AND PACKAGING
LOOSE IN BOX
REEL
lt
= 5.0 ± 1.0 mm
C-tol
=± 10 %
LAST 5 DIGITS OF CATALOG
NUMBER
SPQ
SPQ
Pitch
= 15.0 ± 0.4 mm; d
t = 0.60 ± 0.06 mm
0.047
5.0
× 11.0 × 17.5
1.1
63473
1000
1100
0.056
63563
0.068
6.0
× 12.0 × 17.5
1.4
63683
1000
900
0.082
63823
Pitch
= 15.0 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.1
7.0
× 13.5 × 17.5
1.9
63104
1000
800
0.12
63124
0.15
8.5
× 15.0 × 17.5
2.6
63154
1000
650
0.18
63184
0.22
10.0
× 16.5 × 17.5
3.2
63224
500
600
Pitch
= 22.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.27
8.5
× 18.0 × 26.0
4.4
63274
200
450
0.33
63334
0.39
10.0
× 19.5 × 26.0
5.5
63394
200
350
0.47
63474
Pitch
= 27.5 ± 0.4 mm; d
t = 0.80 ± 0.08 mm
0.56
11.0
× 21.0 × 31.0
7.8
63564
100
0.68
13.0
× 23.0 × 31.0
10.5
63684
100
0.82
63824
1
15.0
× 25.0 × 31.0
7.8
63105
100


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn