Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LCD-240G128A Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza LCD-240G128A
Descripción Electrónicos  240 x 128 Dots Graphic LCD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LCD-240G128A Datasheet(HTML) 1 Page - Vishay Siliconix

  LCD-240G128A Datasheet HTML 1Page - Vishay Siliconix LCD-240G128A Datasheet HTML 2Page - Vishay Siliconix LCD-240G128A Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
127
LCD-240G128A
Vishay
Document Number: 37250
Revision 01-Oct-02
For Technical Questions, Contact: Displays@Vishay.com
FEATURES
• Built-in controller (T6963C)
• 1/240 duty cycle
• Built-in N/V (option)
MECHANICAL DATA
ITEM
STANDARD VALUE
UNIT
Module Dimension
170.0 x 103.5
mm
Viewing Area
132.0 x 76.0
mm
Dot Size
0.47 x 0.47
mm
Dot Pitch
0.5 x 0.5
mm
ABSOLUTE MAXIMUM RATING
ITEM
SYMBOL
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Power Supply
VDD-VSS
4.75
5.0
5.25
V
Input Voltage
VI
- 0.3
VDD
V
NOTE: VSS = 0 Volt, VDD = 5.0 Volt
240 x 128 Dots Graphic LCD
ELECTRICAL SPECIFICATIONS
ITEM
SYMBOL
CONDITION
STANDARD VALUE
UNIT
MIN.
TYP.
MAX.
Input Voltage
VDD
L level
0.7VDD
–VDD
V
VIO
H level
0.3VDD
V
Supply Current
IDD
VDD = + 5V
23.0
mA
Recommended LC Driving
0
°C
19.1
19.5
20.1
Voltage for Normal Temp.
VDD - V0
25
°C
18.1
18.5
19.1
V
Version Module
50
°C
17.1
17.5
18.1
LED Forward Voltage
VF
25
°C–
V
LED Forward Current
IF
25
°C–
mA
CCFL
VF
25
°C
325
580
Vms
IF
25
°C
5.0
mA
EL
IEL
Vel = 110VAC; 400Hz
5.0
mA


Número de pieza similar - LCD-240G128A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-240G128B VISHAY-LCD-240G128B Datasheet
111Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128D VISHAY-LCD-240G128D Datasheet
110Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128E VISHAY-LCD-240G128E Datasheet
112Kb / 3P
   240 x 128 Dots LCD
Revision 01-Oct-02
LCD-240G128F VISHAY-LCD-240G128F Datasheet
115Kb / 3P
   240 x 128 Dots LCD
Revision 01-Oct-02
More results

Descripción similar - LCD-240G128A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
LCD-240G128B VISHAY-LCD-240G128B Datasheet
111Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-240G128D VISHAY-LCD-240G128D Datasheet
110Kb / 3P
   240 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG240128B ETC-WG240128B Datasheet
612Kb / 1P
   LCD MODULE 240 X 128 DOTS GRAPHIC
WG240128F ETC-WG240128F Datasheet
153Kb / 1P
   LCD MODULE GRAPHIC 240 X 128 DOTS
logo
Hantronix,Inc
HDM128GS24 HANTRONIX-HDM128GS24 Datasheet
38Kb / 1P
   240 X 128 Dots Graphic
logo
Vishay Siliconix
LCD-128G128B VISHAY-LCD-128G128B Datasheet
108Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G128A VISHAY-LCD-128G128A Datasheet
111Kb / 3P
   128 x 128 Dots Graphic LCD
Revision 01-Oct-02
logo
List of Unclassifed Man...
WG128128A ETC-WG128128A Datasheet
163Kb / 1P
   LCD MODULE GRAPHIC 128 X 128 DOTS
logo
Vishay Siliconix
LCD-128G064I VISHAY-LCD-128G064I Datasheet
109Kb / 3P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
LCD-128G064B VISHAY-LCD-128G064B Datasheet
94Kb / 2P
   128 x 64 Dots Graphic LCD
Revision 01-Oct-02
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com