Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBD6050-V-GS18 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza MMBD6050-V-GS18
Descripción Electrónicos  Small Signal Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MMBD6050-V-GS18 Datasheet(HTML) 1 Page - Vishay Siliconix

  MMBD6050-V-GS18 Datasheet HTML 1Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 2Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 3Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 4Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 5Page - Vishay Siliconix MMBD6050-V-GS18 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MMBD6050-V
Document Number 85735
Rev. 1.3, 07-Apr-05
Vishay Semiconductors
www.vishay.com
1
12
3
16923
Small Signal Switching Diode
Features
• Silicon Epitaxial Planar Diode
• Fast switching diode in case SOT-23,
especially suited for automatic insertion.
• Lead (Pb)-free component
• Component in accordance to RoHS 2002/95/EC
and WEEE 2002/96/EC
Mechanical Data
Case: SOT-23 Plastic case
Weight: approx. 8.8 mg
Packaging Codes/Options:
GS18 / 10 k per 13" reel (8 mm tape), 10 k/box
GS08 / 3 k per 7" reel (8 mm tape), 15 k/box
Parts Table
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
1) FR-5 = 1.0 x 0.75 x 0.062 in.
2) Alumina = 0.4 x 0.3 x 0.024 in. 99.5 % alumina
Part
Ordering code
Marking
Remarks
MMBD6050-V
MMBD6050-V-GS18 or MMBD6050-V-GS08
5AM
Tape and Reel
Parameter
Test condition
Symbol
Value
Unit
Continuous reverse voltage
VR
70
V
Forward current
IF
200
mA
Peak forward surge current
IFSM
500
mA
Maximum power dissipation
on FR-5 board 1)
TA = 25 °C
Ptot
225
mW
Derate above 25 °C
Ptot
1.8
mW/°C
Maximum power dissipation
on Alumina substrate 2)
TA = 25 °C
Ptot
300
mW
Derate above 25 °C
Ptot
2.4
mW/°C
e3


Número de pieza similar - MMBD6050-V-GS18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MMBD6050-V VISHAY-MMBD6050-V_12 Datasheet
84Kb / 5P
   Small Signal Switching Diode
Rev. 1.4, 12-Aug-10
More results

Descripción similar - MMBD6050-V-GS18

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
   Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
   Small-Signal Switching Diode
logo
Vishay Siliconix
MMBD6050 VISHAY-MMBD6050 Datasheet
94Kb / 5P
   Small Signal Switching Diode
Rev. 1.6, 15-May-13
MMBD914 VISHAY-MMBD914 Datasheet
75Kb / 3P
   Small Signal Switching Diode
Rev. 1.5, 15-May-13
logo
Yangzhou yangjie electr...
1N914BW YANGJIE-1N914BW Datasheet
213Kb / 3P
   Small Signal Switching Diode
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
   SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
BA604 VISHAY-BA604_12 Datasheet
53Kb / 3P
   Small Signal Switching Diode
Rev. 1.8, 01-Sep-10
MMBD914-V VISHAY-MMBD914-V_12 Datasheet
70Kb / 3P
   Small Signal Switching Diode
Rev. 1.4, 05-Aug-10
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
1N914THRU1N4454 CHENYI-1N914THRU1N4454 Datasheet
47Kb / 1P
   SMALL SIGNAL SWITCHING DIODE
LL4151 CHENYI-LL4151 Datasheet
170Kb / 3P
   SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com