Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1065X Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1065X
Descripción Electrónicos  P-Channel 12-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1065X Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1065X Datasheet HTML 1Page - Vishay Siliconix SI1065X Datasheet HTML 2Page - Vishay Siliconix SI1065X Datasheet HTML 3Page - Vishay Siliconix SI1065X Datasheet HTML 4Page - Vishay Siliconix SI1065X Datasheet HTML 5Page - Vishay Siliconix SI1065X Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
www.vishay.com
2
Document Number: 74320
S-80641-Rev. B, 24-Mar-08
Vishay Siliconix
Si1065X
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 12
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 8.47
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
2.33
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 0.45
- 0.95
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 12 V, VGS = 0 V
- 1
nA
VDS = - 12 V, VGS = 0 V, TJ = 85 °C
- 10
µA
On-State Drain Currenta
ID(on)
VDS = ≥ 5 V, VGS = - 4.5 V
- 8
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 4.5 V, ID = - 1.18 A
0.108
0.130
Ω
VGS = - 2.5 V, ID = - 1.07 A
0.131
0.158
VGS = - 1.8 V, ID = - 0.49 A
0.158
0.204
Forward Transconductance
gfs
VDS = - 6 V, ID = - 1.18 A
5.18
S
Dynamicb
Input Capacitance
Ciss
VDS = - 6 V, VGS = 0 V, f = 1 MHz
480
pF
Output Capacitance
Coss
190
Reverse Transfer Capacitance
Crss
145
Total Gate Charge
Qg
VDS = - 6 V, VGS = - 5 V, ID = - 1.18 A
7.2
10.8
nC
VDS = - 6 V, VGS = - 4.5 V, ID = - 1.18
6.7
10.1
Gate-Source Charge
Qgs
0.84
Gate-Drain Charge
Qgd
2.7
Gate Resistance
Rg
f = 1 MHz
10
15
Ω
Turn-On Delay Time
td(on)
VDD = - 6 V, RL = 6.32 Ω
ID ≅ - 0.95 A, VGEN = - 4.5 V, Rg = 1 Ω
13
19.5
ns
Rise Time
tr
27
40.5
Turn-Off DelayTime
td(off)
45
67.5
Fall Time
tf
27
40.5
Drain-Source Body Diode Characteristics
Pulse Diode Forward Currenta
ISM
8A
Body Diode Voltage
VSD
IS = - 0.63 A
0.8
1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 0.7 A, di/dt = 100 A/µs
29.2
44
nC
Body Diode Reverse Recovery Charge
Qrr
10.22
15.3
ns
Reverse Recovery Fall Time
ta
13.7
Reverse Recovery Rise Time
tb
15.5


Número de pieza similar - SI1065X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Silicon Laboratories
Si1065-A-GM SILABS-Si1065-A-GM Datasheet
10Mb / 358P
   MCU with Integrated 240??60 MHz EZRadioPRO짰 Transceiver
More results

Descripción similar - SI1065X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2335DS VISHAY-SI2335DS Datasheet
48Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Oct-00
SI6423DQ VISHAY-SI6423DQ Datasheet
42Kb / 5P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 07-Jul-03
SIA477EDJT VISHAY-SIA477EDJT Datasheet
264Kb / 8P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 29-Aug-16
SI2333CDS-T1-GE3 VISHAY-SI2333CDS-T1-GE3 Datasheet
225Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 16-Nov-0
SI3477DV VISHAY-SI3477DV Datasheet
226Kb / 11P
   P-Channel 12 V (D-S) MOSFET
Rev. A, 19-Jul-10
SI2333DS VISHAY-SI2333DS Datasheet
243Kb / 3P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 21-Mar-05
SI2333DS-T1 VISHAY-SI2333DS-T1 Datasheet
195Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
SI2333CDS VISHAY-SI2333CDS Datasheet
104Kb / 6P
   P-Channel 12-V (D-S) MOSFET
Rev. A, 23-Jun-08
SI5475DC VISHAY-SI5475DC Datasheet
109Kb / 4P
   P-Channel 12-V (D-S) MOSFET
Rev. B, 05-Aug-02
logo
VBsemi Electronics Co.,...
MMSF4P01HDR2G VBSEMI-MMSF4P01HDR2G Datasheet
878Kb / 6P
   P-Channel 12-V (D-S) MOSFET
logo
Vishay Siliconix
SI2333DS VISHAY-SI2333DS_17 Datasheet
199Kb / 9P
   P-Channel 12-V (D-S) MOSFET
Rev. C, 02-Feb-09
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com