Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1304BDL Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SI1304BDL
Descripción Electrónicos  N-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1304BDL Datasheet(HTML) 5 Page - Vishay Siliconix

  SI1304BDL Datasheet HTML 1Page - Vishay Siliconix SI1304BDL Datasheet HTML 2Page - Vishay Siliconix SI1304BDL Datasheet HTML 3Page - Vishay Siliconix SI1304BDL Datasheet HTML 4Page - Vishay Siliconix SI1304BDL Datasheet HTML 5Page - Vishay Siliconix SI1304BDL Datasheet HTML 6Page - Vishay Siliconix SI1304BDL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Si1304BDL
Vishay Siliconix
New Product
Document Number: 73480
S–52057—Rev. B, 03–Oct–05
www.vishay.com
5
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
Current De-Rating*
TC – Case Temperature (_C)
*The power dissipation PD is based on TJ(max) = 150_C, using junction-to-case thermal resistance, and is more useful in settling the upper dissipation limit for
cases where additional heatsinking is used. It is used to determine the current rating, when this rating falls below the package limit.
0.0
0.1
0.2
0.3
0.4
25
50
75
100
125
150
Power, De-Rating
Case Temperature (
_C)


Número de pieza similar - SI1304BDL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1304BDL VISHAY-SI1304BDL Datasheet
181Kb / 3P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 24-Oct-05
SI1304BDL VISHAY-SI1304BDL Datasheet
112Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 22-Mar-10
SI1304BDL-T1-GE3 VISHAY-SI1304BDL-T1-GE3 Datasheet
112Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 22-Mar-10
logo
VBsemi Electronics Co.,...
SI1304BDL-T1-GE3 VBSEMI-SI1304BDL-T1-GE3 Datasheet
1Mb / 9P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI1304BDL VISHAY-SI1304BDL_10 Datasheet
112Kb / 7P
   N-Channel 30 V (D-S) MOSFET
Rev. C, 22-Mar-10
More results

Descripción similar - SI1304BDL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3456DV VISHAY-SI3456DV Datasheet
61Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. B, 23-Nov-98
SUU50N03-12P VISHAY-SUU50N03-12P Datasheet
60Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 15-Sep-03
SI4894DY VISHAY-SI4894DY Datasheet
129Kb / 3P
   N-Channel 30-V (D-S) MOSFET
17-May-04
SI4406DY VISHAY-SI4406DY Datasheet
38Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. C, 26-May-03
SI7380DP VISHAY-SI7380DP Datasheet
180Kb / 3P
   N-Channel 30-V (D-S) MOSFET
24-May-04
SI733ADP VISHAY-SI733ADP Datasheet
61Kb / 5P
   N-Channel 30-V (D-S) MOSFET
Rev. A, 25-Oct-04
SI4892DY VISHAY-SI4892DY Datasheet
71Kb / 4P
   N-Channel 30-V (D-S) MOSFET
Rev. F, 01-Aug-05
logo
Vaishali Semiconductor
SI4356ADY VAISH-SI4356ADY Datasheet
143Kb / 3P
   N-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SIRA00DP VISHAY-SIRA00DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA04DP VISHAY-SIRA04DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 13-Feb-12
SIRA14DP VISHAY-SIRA14DP Datasheet
513Kb / 13P
   N-Channel 30 V (D-S) MOSFET
Rev. A, 12-Mar-12
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com