Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1410EDH Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI1410EDH
Descripción Electrónicos  N-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1410EDH Datasheet(HTML) 2 Page - Vishay Siliconix

  SI1410EDH_08 Datasheet HTML 1Page - Vishay Siliconix SI1410EDH_08 Datasheet HTML 2Page - Vishay Siliconix SI1410EDH_08 Datasheet HTML 3Page - Vishay Siliconix SI1410EDH_08 Datasheet HTML 4Page - Vishay Siliconix SI1410EDH_08 Datasheet HTML 5Page - Vishay Siliconix SI1410EDH_08 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Si1410EDH
Vishay Siliconix
New Product
www.vishay.com
2
Document Number: 71409
S-03185—Rev. A, 05-Mar-01
SPECIFICATIONS (TJ = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 mA
0.45
V
VDS = 0 V, VGS = "4.5 V
"1
mA
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = "12 V
"10
mA
VDS = 16 V, VGS = 0 V
1
m
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V, TJ = 85_C
5
mA
On-State Drain Currenta
ID(on)
VDS = 5 V, VGS = 4.5 V
4
A
VGS = 4.5 V, ID = 3.7 A
0.055
0.070
Drain-Source On-State Resistancea
rDS(on)
VGS = 2.5 V, ID = 3.4 A
0.065
0.080
W
DS(on)
VGS = 1.8 V, ID = 1.7 A
0.080
0.100
Forward Transconductancea
gfs
VDS = 10 V, ID = 3.7 A
10
S
Diode Forward Voltagea
VSD
IS = 1.4 A, VGS = 0 V
0.75
1.1
V
Dynamicb
Total Gate Charge
Qg
5.6
8
Gate-Source Charge
Qgs
VDS = 10 V, VGS = 4.5 V, ID = 3.7 A
0.75
nC
Gate-Drain Charge
Qgd
1.10
Turn-On Delay Time
td(on)
0.15
0.25
Rise Time
tr
VDD = 10 V, RL = 10 W
0.4
0.6
m
Turn-Off Delay Time
td(off)
VDD = 10 V, RL = 10 W
ID ^ 1 A, VGEN = 4.5 V, RG = 6 W
1.9
2.8
ms
Fall Time
tf
1.2
1.8
Notes
a.
Pulse test; pulse width
v 300 ms, duty cycle v 2%.
b.
Guaranteed by design, not subject to production testing.
TYPICAL CHARACTERISTICS (25_C UNLESS NOTED)
0.01
100
10,000
Gate Current vs. Gate-Source Voltage
0
2
4
6
8
10
0
3
6
9
12
15
18
Gate-Current vs. Gate-Source Voltage
VGS – Gate-to-Source Voltage (V)
0.1
1
10
1,000
VGS – Gate-to-Source Voltage (V)
0
36
9
12
TJ = 25_C
TJ = 150_C


Número de pieza similar - SI1410EDH_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1410EDH VISHAY-SI1410EDH_10 Datasheet
239Kb / 11P
   N-Channel 20 V (D-S) MOSFET
Rev. B, 19-Apr-10
More results

Descripción similar - SI1410EDH_08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DinTek Semiconductor Co...
DTS2300S DINTEK-DTS2300S Datasheet
327Kb / 7P
   N-Channel 20 V (D-S) MOSFET
logo
Vishay Siliconix
SI4158DY VISHAY-SI4158DY Datasheet
188Kb / 9P
   N-Channel 20-V (D-S) MOSFET
Rev. A, 17-Nov-08
logo
Analog Power
AM7320N ANALOGPOWER-AM7320N Datasheet
79Kb / 3P
   N-Channel 20-V (D-S) MOSFET
AM2312N ANALOGPOWER-AM2312N Datasheet
317Kb / 5P
   N-Channel 20-V (D-S) MOSFET
AM7422NA ANALOGPOWER-AM7422NA Datasheet
348Kb / 5P
   N-Channel 20-V (D-S) MOSFET
logo
Vishay Siliconix
SI2374DS VISHAY-SI2374DS Datasheet
258Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 14-Apr-14
SI8406DB VISHAY-SI8406DB Datasheet
151Kb / 10P
   N-Channel 20 V (D-S) MOSFET
Rev. A, 30-Apr-12
SI1056X VISHAY-SI1056X_10 Datasheet
123Kb / 8P
   N-Channel 20 V (D-S) MOSFET
Rev. D, 08-Nov-10
TN0201K VISHAY-TN0201K_06 Datasheet
202Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 20-Feb-06
SI4426DY VISHAY-SI4426DY Datasheet
65Kb / 4P
   N-Channel 20-V (D-S) MOSFET
Rev. B, 15-May-00
SI1410EDH VISHAY-SI1410EDH Datasheet
49Kb / 5P
   N-Channel 20-V (D-S) MOSFET
Rev. D, 31-Oct-05
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com