Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI1450DH-T1-E3 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SI1450DH-T1-E3
Descripción Electrónicos  N-Channel 8-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI1450DH-T1-E3 Datasheet(HTML) 4 Page - Vishay Siliconix

  SI1450DH-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI1450DH-T1-E3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
4
Document Number: 74275
S-62079-Rev. A, 23-Oct-06
Vishay Siliconix
Si1450DH
TYPICAL CHARACTERISTICS
25 °C, unless noted
Forward Diode Voltage vs. Temp
Threshold Voltage
10
1
0.01
VSD − Source-to-Drain Voltage (V)
0.1
0
0.2
0.4
0.6
0.8
1
TJ = 25 °C
TJ = 150 °C
0.2
0.3
0.4
0.5
0.6
0.7
0.8
- 50
- 25
0
25
50
75
100
125
150
ID = 250 µA
TJ – Temperature (°C)
rDS(on) vs. VGS vs. Temperature
Single Pulse Power
0.00
0.02
0.04
0.06
0.08
012
3
45
VGS – Gate-to-Source Voltage (V)
TA = 25 °C
TA = 125 °C
ID = 4.4 A
0
20
30
5
15
Time (sec)
25
1
600
100
0.001
0.1
10
0.01
10
Safe Operating Area, Junction-to-Case
0.001
0.01
0.1
1
10
100
0.1
1
10
100
VDS – Drain-to-Source Voltage (V)
TA = 25 °C
Single Pulse
*Limited by r
DS(on)
10 ms
100 ms
1 s
10 s
dc
BVDSS Limited
*VGS
minimum VGS at which rDS(on) is specified


Número de pieza similar - SI1450DH-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI1450DH VISHAY-SI1450DH Datasheet
122Kb / 7P
   N-Channel 8-V (D-S) MOSFET
Rev. A, 23-Oct-06
More results

Descripción similar - SI1450DH-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7100DN VISHAY-SI7100DN Datasheet
549Kb / 14P
   N-Channel 8-V (D-S) MOSFET
Rev. C, 17-Mar-08
SI8466EDB VISHAY-SI8466EDB Datasheet
141Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
logo
Vishay Telefunken
SI2342DS TFUNK-SI2342DS Datasheet
247Kb / 8P
   N-Channel 8 V (D-S) MOSFET
SI8466EDB TFUNK-SI8466EDB Datasheet
167Kb / 9P
   N-Channel 8 V (D-S) MOSFET
logo
Vishay Siliconix
SI8802DB VISHAY-SI8802DB_V01 Datasheet
139Kb / 8P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SI2342DS VISHAY-SI2342DS_V01 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
09-Jul-2021
SI2342DS VISHAY-SI2342DS_V02 Datasheet
210Kb / 9P
   N-Channel 8 V (D-S) MOSFET
01-Jan-2022
SIA414DJ VISHAY-SIA414DJ_08 Datasheet
193Kb / 9P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 03-Mar-08
SI8416DB VISHAY-SI8416DB Datasheet
142Kb / 9P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 26-Dec-11
SI8424CDB VISHAY-SI8424CDB Datasheet
243Kb / 11P
   N-Channel 8 V (D-S) MOSFET
Rev. A, 10-Sep-12
SI1050X VISHAY-SI1050X_08 Datasheet
122Kb / 6P
   N-Channel 8-V (D-S) MOSFET
Rev. B, 24-Mar-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com