Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI3458BDV Datasheet(PDF) 3 Page - Vishay Siliconix

No. de pieza SI3458BDV
Descripción Electrónicos  N-Channel 60-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI3458BDV Datasheet(HTML) 3 Page - Vishay Siliconix

  SI3458BDV Datasheet HTML 1Page - Vishay Siliconix SI3458BDV Datasheet HTML 2Page - Vishay Siliconix SI3458BDV Datasheet HTML 3Page - Vishay Siliconix SI3458BDV Datasheet HTML 4Page - Vishay Siliconix SI3458BDV Datasheet HTML 5Page - Vishay Siliconix SI3458BDV Datasheet HTML 6Page - Vishay Siliconix SI3458BDV Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 69501
S-72520-Rev. A, 03-Dec-07
www.vishay.com
3
Vishay Siliconix
Si3458BDV
New Product
TYPICAL CHARACTERISTICS 25 °C, unless otherwise noted
Output Characteristics
On-Resistance vs. Drain Current and Gate Voltage
Gate Charge
0
2
4
6
8
10
0
0.4
0.8
1.2
1.6
2.0
VDS - Drain-to-Source Voltage (V)
VGS = 10 thru 4 V
VGS = 3 V
0.03
0.06
0.09
0.12
0.15
0
2468
10
ID - Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
2
4
6
8
10
0
246
8
Qg - Total Gate Charge (nC)
VDS = 48 V
VDS = 30 V
ID = 3.2 A
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
VGS - Gate-to-Source Voltage (V)
0
0.4
0.8
1.2
1.6
2.0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
TC = 125 °C
TC = 25 °C
TC = - 55 °C
Crss
VDS - Drain-to-Source Voltage (V)
0
100
200
300
400
500
0
102030405060
Coss
Ciss
TJ - Junction Temperature (°C)
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
- 50
- 25
0
25
50
75
100
125
150
ID = 3.2 A
VGS = 10 V
VGS = 4.5 V


Número de pieza similar - SI3458BDV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI3458BDV VISHAY-SI3458BDV Datasheet
215Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 20-Apr-09
Si3458BDV VISHAY-Si3458BDV Datasheet
221Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 20-Apr-09
SI3458BDV-T1-GE3 VISHAY-SI3458BDV-T1-GE3 Datasheet
216Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 20-Apr-09
logo
VBsemi Electronics Co.,...
SI3458BDV-T1-GE3 VBSEMI-SI3458BDV-T1-GE3 Datasheet
399Kb / 7P
   N-Channel 60 V (D-S) MOSFET
logo
Vishay Siliconix
SI3458BDV VISHAY-SI3458BDV_09 Datasheet
215Kb / 11P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 20-Apr-09
More results

Descripción similar - SI3458BDV

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI7478DP VISHAY-SI7478DP Datasheet
231Kb / 5P
   N-Channel 60-V (D-S) MOSFET
Rev. B, 07-Nov-05
2N7000KL VISHAY-2N7000KL Datasheet
73Kb / 4P
   N-Channel 60-V (D-S) MOSFET
Rev. A, 16-Feb-04
logo
DinTek Semiconductor Co...
DTL9604 DINTEK-DTL9604 Datasheet
246Kb / 8P
   N-Channel 60 V (D-S) MOSFET
logo
Bruckewell Technology L...
MSD20N06 BWTECH-MSD20N06 Datasheet
566Kb / 5P
   N-Channel 60-V (D-S) MOSFET
MSD30N06 BWTECH-MSD30N06 Datasheet
702Kb / 8P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SIR664DP VISHAY-SIR664DP Datasheet
161Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 13-May-13
logo
Analog Power
AM110N06-08FP ANALOGPOWER-AM110N06-08FP Datasheet
577Kb / 5P
   N-Channel 60-V (D-S) MOSFET
AM2362N ANALOGPOWER-AM2362N Datasheet
311Kb / 5P
   N-Channel 60-V (D-S) MOSFET
logo
Vishay Siliconix
SUM50020EL VISHAY-SUM50020EL Datasheet
189Kb / 9P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 10-Aug-15
SIS862DN VISHAY-SIS862DN Datasheet
565Kb / 13P
   N-Channel 60 V (D-S) MOSFET
Rev. A, 27-May-13
logo
Analog Power
AM7960N ANALOGPOWER-AM7960N Datasheet
310Kb / 5P
   N-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com