Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5403DC Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SI5403DC
Descripción Electrónicos  P-Channel 30-V (D-S) MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5403DC Datasheet(HTML) 2 Page - Vishay Siliconix

  SI5403DC Datasheet HTML 1Page - Vishay Siliconix SI5403DC Datasheet HTML 2Page - Vishay Siliconix SI5403DC Datasheet HTML 3Page - Vishay Siliconix SI5403DC Datasheet HTML 4Page - Vishay Siliconix SI5403DC Datasheet HTML 5Page - Vishay Siliconix SI5403DC Datasheet HTML 6Page - Vishay Siliconix SI5403DC Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
www.vishay.com
2
Document Number: 68643
S-81443-Rev. A, 23-Jun-08
Vishay Siliconix
Si5403DC
New Product
Notes:
a. Pulse test; pulse width
≤ 300 µs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
Parameter
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = - 250 µA
- 30
V
VDS Temperature Coefficient
ΔV
DS/TJ
ID = - 250 µA
- 30
mV/°C
VGS(th) Temperature Coefficient
ΔV
GS(th)/TJ
5
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = - 250 µA
- 1
- 3
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 20 V
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = - 30 V, VGS = 0 V
- 1
µA
VDS = - 30 V, VGS = 0 V, TJ = 85 °C
- 5
On-State Drain Currenta
ID(on)
VDS ≤ - 5 V, VGS = - 10 V
- 20
A
Drain-Source On-State Resistancea
RDS(on)
VGS = - 10 V, ID = - 7.2 A
0.025
0.030
Ω
VGS = - 4.5 V, ID = - 6.0 A
0.036
0.044
Forward Transconductancea
gfs
VDS = - 15 V, ID = - 7.2 A
18
S
Dynamicb
Input Capacitance
Ciss
VDS = - 15 V, VGS = 0 V, f = 1 MHz
1340
pF
Output Capacitance
Coss
215
Reverse Transfer Capacitance
Crss
185
Total Gate Charge
Qg
VDS = - 15 V, VGS = - 10 V, ID = - 7.2 A
28
42
nC
VDS = - 15 V, VGS = - 4.5 V, ID = - 7.2 A
15
23
Gate-Source Charge
Qgs
4.5
Gate-Drain Charge
Qgd
7.2
Gate Resistance
Rg
f = 1 MHz
1.2
6
12
Ω
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 2.6 Ω
ID ≅ - 5.8 A, VGEN = - 4.5 V, Rg = 1 Ω
50
75
ns
Rise Time
tr
140
210
Turn-Off Delay Time
td(off)
30
45
Fall Time
tf
18
27
Turn-On Delay Time
td(on)
VDD = - 15 V, RL = 2.6 Ω
ID ≅ - 5.8 A, VGEN = - 10 V, Rg = 1 Ω
11
17
Rise Time
tr
11
17
Turn-Off Delay Time
td(off)
37
56
Fall Time
tf
12
18
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
TC = 25 °C
- 5.3
A
Pulse Diode Forward Current
ISM
- 20
Body Diode Voltage
VSD
IS = - 5.8 A, VGS = 0 V
- 0.8
- 1.2
V
Body Diode Reverse Recovery Time
trr
IF = - 5.8 A, dI/dt = - 100 A/µs, TJ = 25 °C
22
33
ns
Body Diode Reverse Recovery Charge
Qrr
15
25
nC
Reverse Recovery Fall Time
ta
13
ns
Reverse Recovery Rise Time
tb
9


Número de pieza similar - SI5403DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5403DC-T1-GE3 VISHAY-SI5403DC-T1-GE3 Datasheet
248Kb / 11P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
SI5403DC VISHAY-SI5403DC_V01 Datasheet
248Kb / 11P
   P-Channel 30 V (D-S) MOSFET
01-Jan-2022
More results

Descripción similar - SI5403DC

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI2341DS VISHAY-SI2341DS Datasheet
43Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 11-Aug-03
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
   P-Channel 30-V (D-S) MOSFET
Rev. D, 25-Oct-0
logo
Anachip Corp
AF4407 ANACHIP-AF4407 Datasheet
263Kb / 5P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI7423DN VISHAY-SI7423DN Datasheet
173Kb / 3P
   P-Channel 30-V (D-S) MOSFET
24-May-04
SI2303ADS VISHAY-SI2303ADS Datasheet
39Kb / 4P
   P-Channel, 30-V (D-S) MOSFET
Rev. B, 29-Apr-02
SI3481DV VISHAY-SI3481DV Datasheet
67Kb / 5P
   P-Channel 30-V (D-S) MOSFET
Rev. B, 16-Feb-04
logo
DinTek Semiconductor Co...
DTM4415 DINTEK-DTM4415 Datasheet
286Kb / 9P
   P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
   P-Channel 30-V (D-S) MOSFET
Rev. C, 23-Jun-08
SI4825DDY-T1 VISHAY-SI4825DDY-T1 Datasheet
242Kb / 10P
   P-Channel 30-V (D-S) MOSFET
Rev. A, 13-Oct-08
SI7129DN VISHAY-SI7129DN Datasheet
566Kb / 13P
   P-Channel 30 V (D-S) MOSFET
Rev. B, 06-Sep-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com