Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SI5433BDC-T1-E3 Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza SI5433BDC-T1-E3
Descripción Electrónicos  P-Channel 20-V (D-S) MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI5433BDC-T1-E3 Datasheet(HTML) 1 Page - Vishay Siliconix

  SI5433BDC-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI5433BDC-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI5433BDC-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI5433BDC-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI5433BDC-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI5433BDC-T1-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
FEATURES
D TrenchFETr Power MOSFET
Si5433BDC
Vishay Siliconix
New Product
Document Number: 73208
S-42241—Rev.A, 13-Dec-04
www.vishay.com
1
P-Channel 20-V (D-S) MOSFET
PRODUCT SUMMARY
VDS (V)
rDS(on) (W)
ID (A)
Qg (Typ)
0.037 @ VGS = −4.5 V
−6.7
−20
0.050 @ VGS = −2.5 V
−5.9
15
0.070 @ VGS = −1.8 V
−5.0
1206-8 ChipFE
Tr
D
D
D
G
D
D
D
S
1
Bottom View
Marking Code
BL XX
Lot Traceability
and Date Code
Part # Code
S
G
D
P-Channel MOSFET
Ordering Information:
Si5433BDC-T1—E3
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
−20
V
Gate-Source Voltage
VGS
"8
V
Continuous Drain Current (TJ = 150_C)a
TA = 25_C
ID
−6.7
−4.8
Continuous Drain Current (TJ = 150_C)a
TA = 85_C
ID
−4.8
−3.5
A
Pulsed Drain Current
IDM
−20
A
Continuous Source Currenta
IS
−2.1
−1.1
Maximum Power Dissipationa
TA = 25_C
PD
2.5
1.3
W
Maximum Power Dissipationa
TA = 85_C
PD
1.3
0.7
W
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Soldering Recommendations (Peak Temperature)b, c
260
_C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Mi
J
ti
t A bi ta
t v 5 sec
R
45
50
Maximum Junction-to-Ambienta
Steady State
RthJA
85
95
_C/W
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
17
20
C/W
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
See Reliability Manual for profile. The ChipFET is a leadless package. The end of the lead terminal is exposed copper (not plated) as a result of the singulation
process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required to ensure adequate bottom side solder
interconnection.
c.
Rework Conditions: manual soldering with a soldering iron is not recommended for leadless components.


Número de pieza similar - SI5433BDC-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI5433BDC VISHAY-SI5433BDC Datasheet
64Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev.A, 13-Dec-04
More results

Descripción similar - SI5433BDC-T1-E3

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SI9400DY VISHAY-SI9400DY Datasheet
58Kb / 4P
   P-Channel 20-V (D-S) MOSFET
Rev. K, 02-Mar-98
SI9424BDY VISHAY-SI9424BDY Datasheet
44Kb / 5P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 07-Oct-02
SI8407DB VISHAY-SI8407DB Datasheet
69Kb / 6P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 17-Jan-05
SI7401DN VISHAY-SI7401DN Datasheet
240Kb / 3P
   P-Channel 20-V (D-S) MOSFET
31-May-01
SI7403BDN VISHAY-SI7403BDN Datasheet
106Kb / 8P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 21-Mar-05
SIS407DN-T1-GE3 VISHAY-SIS407DN-T1-GE3 Datasheet
548Kb / 13P
   P-Channel 20 V (D-S) MOSFET
Rev. B, 06-Sep-10
SI4477DY-T1-GE3 VISHAY-SI4477DY-T1-GE3 Datasheet
261Kb / 10P
   P-Channel 20-V (D-S) MOSFET
Rev. A, 18-May-09
SIA431DJ VISHAY-SIA431DJ Datasheet
221Kb / 9P
   P-Channel 20-V (D-S) MOSFET
Rev. B, 21-May-12
SI1077X VISHAY-SI1077X Datasheet
183Kb / 8P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 24-Dec-12
SI5457DC VISHAY-SI5457DC Datasheet
244Kb / 11P
   P-Channel 20 V (D-S) MOSFET
Rev. A, 06-Sep-10
logo
Analog Power
AM4421P ANALOGPOWER-AM4421P Datasheet
423Kb / 5P
   P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com