Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSOP59138 Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza TSOP59138
Descripción Electrónicos  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP59138 Datasheet(HTML) 5 Page - Vishay Siliconix

  TSOP59138 Datasheet HTML 1Page - Vishay Siliconix TSOP59138 Datasheet HTML 2Page - Vishay Siliconix TSOP59138 Datasheet HTML 3Page - Vishay Siliconix TSOP59138 Datasheet HTML 4Page - Vishay Siliconix TSOP59138 Datasheet HTML 5Page - Vishay Siliconix TSOP59138 Datasheet HTML 6Page - Vishay Siliconix TSOP59138 Datasheet HTML 7Page - Vishay Siliconix TSOP59138 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
www.vishay.com
Document Number: 81399
162
Rev. 1.3, 18-Jul-08
New TSOP591..
Vishay Semiconductors
IR Receiver Modules for
Remote Control Systems
SUITABLE DATA FORMAT
The TSOP591.. series is designed to suppress spurious
output pulses due to noise or disturbance signals. Data and
disturbance signals can be distinguished by the devices
according to carrier frequency, burst length and envelope
duty cycle. The data signal should be close to the band-pass
center frequency (e.g. 38 kHz) and fulfill the conditions in the
table below.
When a data signal is applied to the TSOP591.. in the
presence of a disturbance signal, the sensitivity of the
receiver is reduced to insure that no spurious pulses are
present at the output. Some examples of disturbance signals
which are suppressed are:
• DC light (e.g. from tungsten bulb or sunlight)
• Continuous signals at any frequency
• Modulated IR signals from common fluorescent lamps
(example of noise pattern is shown in figure 15)
Fig. 15 - IR Signal from Fluorescent Lamp
with Low Modulation
Note
For data formats with long bursts (10 carrier cycles or longer) we recommend the TSOP592.. because of the better noise suppression.
010
15
20
Time (ms)
16920
IR Signal from Fluorescent
Lamp with Low Modulation
5
TSOP591..
Minimum burst length
6 cycles/burst
After each burst of length
a minimum gap time is required of
6 to 70 cycles
≥ 10 cycles
For bursts greater than
a minimum gap time in the data stream is needed of
70 cycles
> 1.1 x burst length
Maximum number of continuous short bursts/second
2000
Compatible to NEC code
yes
Compatible to RC5/RC6 code
yes
Compatible to RCMM code
yes
Compatible to RECS-80 code
yes
Compatible to r-Step and r-Map data format
yes
Compatible to XMP data format
yes
Suppression of interference from fluorescent lamps
Most common disturbance signals are suppressed


Número de pieza similar - TSOP59138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP59138 VISHAY-TSOP59138 Datasheet
141Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 23-Feb-11
More results

Descripción similar - TSOP59138

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com