Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VLMA3100 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza VLMA3100
Descripción Electrónicos  Low Current SMD LED PLCC-2
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VLMA3100 Datasheet(HTML) 4 Page - Vishay Siliconix

  VLMA3100 Datasheet HTML 1Page - Vishay Siliconix VLMA3100 Datasheet HTML 2Page - Vishay Siliconix VLMA3100 Datasheet HTML 3Page - Vishay Siliconix VLMA3100 Datasheet HTML 4Page - Vishay Siliconix VLMA3100 Datasheet HTML 5Page - Vishay Siliconix VLMA3100 Datasheet HTML 6Page - Vishay Siliconix VLMA3100 Datasheet HTML 7Page - Vishay Siliconix VLMA3100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
4
Document Number 81709
Rev. 1.0, 24-May-07
Vishay Semiconductors
VLMA3100
METHOD OF TAPING/POLARITY AND TAPE AND REEL
SMD LED (VLM.3 - SERIES)
Vishay’s LEDs in SMD packages are available in an
antistatic 8 mm blister tape (in accordance with
DIN
IEC 40 (CO) 564) for automatic component insertion.
The blister tape is a plastic strip with impressed
component cavities, covered by a top tape.
TAPING OF VLM.3...
REEL PACKAGE DIMENSION IN MM FOR
SMD LEDS, TAPE OPTION GS08
(= 1500 PCS.)
REEL PACKAGE DIMENSION IN MM FOR
SMD LEDS, TAPE OPTION GS18
(= 8000 PCS.) PREFERED
Figure 6. Relative Intensity vs. Wavelength
550
570
590
610
630
0
0.2
0.4
0.6
0.8
1.2
650
95 10039
λ - Wavelength (nm)
1.0
yellow
Figure 7. Tape dimensions in mm for PLCC-2
AdhesiveTape
Component Cavity
Blister Tape
94 8670
1.85
1.65
4.0
3.6
3.6
3.4
2.05
1.95
1.6
1.4
4.1
3.9
4.1
3.9
5.75
5.25
8.3
7.7
3.5
3.1
2.2
2.0
0.25
94 8668
Figure 8. Reel dimensions - GS08
Figure 9. Reel dimensions - GS18
180
178
Identification
4.5
3.5
2.5
1.5
13.00
12.75
63.5
60.5
14.4 max.
10.0
9.0
120°
94 8665
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity
321
329
Identification
4.5
3.5
2.5
1.5
13.00
12.75
62.5
60.0
14.4 max.
10.4
8.4
120°
18857
Label:
Vishay
Type
Group
Tape Code
Production
Code
Quantity


Número de pieza similar - VLMA3100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HK TO-GRACE TECHNOLOGY ...
VLMA3100 TO-GRACE-VLMA3100 Datasheet
638Kb / 7P
   Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMA3100 VISHAY-VLMA3100 Datasheet
227Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
VLMA3100 VISHAY-VLMA3100 Datasheet
245Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
logo
HK TO-GRACE TECHNOLOGY ...
VLMA3100-GS08 TO-GRACE-VLMA3100-GS08 Datasheet
638Kb / 7P
   Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMA3100-GS08 VISHAY-VLMA3100-GS08 Datasheet
245Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
More results

Descripción similar - VLMA3100

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
VLMT3100 VISHAY-VLMT3100_V01 Datasheet
169Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
VLMT3100 VISHAY-VLMT3100_V02 Datasheet
232Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMY30 VISHAY-VLMY30_V02 Datasheet
262Kb / 8P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMA3101 VISHAY-VLMA3101_V01 Datasheet
245Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2023
VLMT3100-GS08 VISHAY-VLMT3100-GS08 Datasheet
914Kb / 7P
   Low Current SMD LED PLCC-2
Rev. 1.2, 15-Mar-11
VLMT3100 VISHAY-VLMT3100 Datasheet
197Kb / 8P
   Low Current SMD LED PLCC-2
Rev. 1.0, 01-Jun-07
logo
HK TO-GRACE TECHNOLOGY ...
VLMS3000-GS08 TO-GRACE-VLMS3000-GS08 Datasheet
656Kb / 9P
   Low Current SMD LED PLCC-2
VLMYG30H2K1 TO-GRACE-VLMYG30H2K1 Datasheet
650Kb / 7P
   Low Current SMD LED PLCC-2
logo
Vishay Siliconix
VLMYG30H2K1 VISHAY-VLMYG30H2K1_V01 Datasheet
218Kb / 7P
   Low Current SMD LED PLCC-2
01-Jan-2022
logo
HK TO-GRACE TECHNOLOGY ...
VLMC3100-GS08 TO-GRACE-VLMC3100-GS08 Datasheet
623Kb / 7P
   Low Current SMD LED PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com