Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS20118D1X106S5E Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza CS20118D1X106S5E
Descripción Electrónicos  Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CS20118D1X106S5E Datasheet(HTML) 1 Page - Vishay Siliconix

  CS20118D1X106S5E Datasheet HTML 1Page - Vishay Siliconix CS20118D1X106S5E Datasheet HTML 2Page - Vishay Siliconix CS20118D1X106S5E Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.vishay.com
For technical questions, contact: ff2aresistors@vishay.com
Document Number: 31522
1
Revision: 07-Aug-08
CS201
Vishay Dale
Capacitor Networks, Single-In-Line,
Conformal Coated SIP, "D" Profile
FEATURES
• X7R and COG capacitors available
• Multiple isolated capacitors
• Multiple capacitors, common ground
• Custom design capability
• “D” 0.300" [7.62 mm] package height (maximum)
Note
(1) COG capacitors may be substituted for X7R capacitors
Available
e1
STANDARD ELECTRICAL SPECIFICATIONS
VISHAY
DALE
MODEL
PROFILE
SCHEMATIC
CAPACITANCE
RANGE
CAPACITANCE
TOLERANCE
(- 55 °C to + 125 °C)
%
CAPACITOR
VOLTAGE
at 85 °C
VDC
COG (1)
X7R
CS201
D
1
33 pF - 3900 pF
470 pF - 0.1 µF
± 10 (K), ± 20 (M)
50 (5)
CS201
D
3
33 pF - 3900 pF
470 pF - 0.1 µF
± 10 (K), ± 20 (M)
50 (5)
CS201
D
4
33 pF - 3900 pF
470 pF - 0.1 µF
± 10 (K), ± 20 (M)
50 (5)
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
CS201
COG
X7R
Temperature Coefficient
(- 55 °C to +125 °C)
ppm/°C
or
%
± 30
ppm/°C
± 15 %
Dissipation Factor
(Maximum)
± %
0.15
2.5
MECHANICAL SPECIFICATIONS
Marking Resistance
to Solvents
Permanency testing per MIL-STD-
202, Method 215
Solderability
Per MIL-STD-202, Method 208E
Body
High alumina, epoxy coated
(Flammability UL94 V-0)
Terminals
Phosphorus-bronze, solder plated
Marking
Pin #1 identifier, DALE or D, Part
number (abbreviated as space
allows), Date code
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: 20108D1C103K5P (preferred part numbering format)
2
0
1
0
8
D
1C
10
3K
5P
__
_P
GLOBAL
MODEL
PIN
COUNT
PACKAGE
HEIGHT
SCHEMATIC
CHARACTERISTIC
CAPACITANCE
VALUE
TOLERANCE
VOLTAGE
PACKAGING
SPECIAL
201 = CS201
04 = 4 Pin
08 = 8 Pin
18 = 18 Pin
D = “D”
Profile
1
3
4
0 = Special
C = COG
X = X7R
S = Special
(in picofarads) 2
digit significant
figure, followed
by a multiplier
330 = 33 pF
392 = 3900 pF
104 = 0.1 µF
K = ± 10 %
M = ± 20 %
S = Special
5 = 50V
S = Special
E = Lead (Pb)-free,
Bulk
P = Tin/Lead, Bulk
Blank = Standard
(Dash Number)
(up to 3 digits)
From 1-999 as
applicable
Historical Part Number example: CS20108D1C103K5 (will continue to be accepted)
CS201
08
D
1C
103
K5
P03
HISTORICAL
MODEL
PIN COUNT
PACKAGE
HEIGHT
SCHEMATIC
CHARACTERISTIC
CAPACITANCE VALUE
TOLERANCE
VOLTAGE
PACKAGING


Número de pieza similar - CS20118D1X106S5E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CS20118D1X103K5E VISHAY-CS20118D1X103K5E Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CS20118D1X103K5P VISHAY-CS20118D1X103K5P Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CS20118D1X103KSE VISHAY-CS20118D1X103KSE Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CS20118D1X103KSP VISHAY-CS20118D1X103KSP Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
CS20118D1X103M5E VISHAY-CS20118D1X103M5E Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
More results

Descripción similar - CS20118D1X106S5E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
CS201 VISHAY-CS201 Datasheet
111Kb / 3P
   Capacitor Networks, Single-In-Line, Conformal Coated SIP D Profile
Revision: 09-Jan-07
logo
Bi technologies
C101102MSL2 BITECH-C101102MSL2 Datasheet
46Kb / 3P
   Single-In-Line Conformal Coated Capacitor Networks
logo
Vishay Siliconix
TRC VISHAY-TRC Datasheet
85Kb / 3P
   Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
   Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
Revision: 03-May-13
logo
List of Unclassifed Man...
NRN7LB184 ETC1-NRN7LB184 Datasheet
147Kb / 2P
   SINGLE-IN-LINE SIP RESISTOR NETWORKS CONFORMAL COATED LOW PROFILE
logo
Vishay Siliconix
CS206 VISHAY-CS206 Datasheet
333Kb / 2P
   Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Revision 10-Sep-04
CS206 VISHAY-CS206_08 Datasheet
295Kb / 3P
   Resistor/Capacitor Networks ECL Terminators and Line Terminator, Conformal Coated, SIP
Revision: 07-Aug-08
TAS VISHAY-TAS Datasheet
416Kb / 5P
   Conformal, Single-In-Line Resistor Networks
Revision: 15-Nov-07
VTF VISHAY-VTF Datasheet
235Kb / 4P
   Conformal, Single In-Line Resistor Networks (Custom)
Revision: 16-May-07
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com