Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD603C10S15C Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza SD603C10S15C
Descripción Electrónicos  SD603C04S10C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD603C10S15C Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button SD603C10S15C Datasheet HTML 2Page - Vishay Siliconix SD603C10S15C Datasheet HTML 3Page - Vishay Siliconix SD603C10S15C Datasheet HTML 4Page - Vishay Siliconix SD603C10S15C Datasheet HTML 5Page - Vishay Siliconix SD603C10S15C Datasheet HTML 6Page - Vishay Siliconix SD603C10S15C Datasheet HTML 7Page - Vishay Siliconix SD603C10S15C Datasheet HTML 8Page - Vishay Siliconix SD603C10S15C Datasheet HTML 9Page - Vishay Siliconix SD603C10S15C Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
Document Number: 93178
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 04-Aug-08
7
SD603C..C Series
Fast Recovery Diodes
(Hockey PUK Version), 600 A
Vishay High Power Products
Fig. 18 - Recovery Time Characteristics
Fig. 19 - Recovery Charge Characteristics
Fig. 20 - Recovery Current Characteristics
Fig. 21 - Maximum Total Energy Loss Per Pulse Characteristics
2
2.5
3
3.5
4
4.5
0
0
1
0
1
Rate Of Fa ll Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Sq uare Pulse
500 A
250 A
FM
SD603C..S20C Series
T = 125 °C; V = 30V
r
J
40
60
80
100
120
140
160
180
200
10 20 30 40 50 60 70 80 90 100
Ra te Of Fa ll Of Forward Current - di/d t (A/ µs)
I
= 1000 A
Sq ua re Pulse
500 A
250 A
FM
SD603C..S20C Series
T = 125 °C; V = 30V
r
J
20
30
40
50
60
70
80
90
100
110
120
130
140
150
10 20 30 40 50 60 70 80 90 100
Rate Of Fall Of Forward Current - di/ dt (A/ µs)
I
= 1000 A
Square Pulse
FM
500 A
250 A
SD603C..S20C Series
T = 125 °C; V = 30V
r
J
1E1
1E2
1E3
1E4
1
2
0.1
Pulse Basewidth (µs)
4
dv/ dt = 1000V/ µs
Sinusoidal Pulse
20 jo ules per pulse
10
0.4
0.2
0.04
0.02
0.01
SD603C..S10C Series
T = 125°C, V
= 1120V
J
RRM
tp
1E11E2
1E31E4
1E11E2
1E31E4
1
2
0.1
Pulse Basewidth (µs)
4
20 joules per pulse
10
0.4
0.2
Trapezoidal Pulse
dv/ dt = 1000V/ µs; di/ dt=50A/ µs
SD603C..S10C Series
T = 125°C, V
= 1120V
J
RRM
tp


Número de pieza similar - SD603C10S15C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD603C10S10C IRF-SD603C10S10C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD603C10S10C VISHAY-SD603C10S10C Datasheet
443Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com