Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SD603C16S15C Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SD603C16S15C
Descripción Electrónicos  SD603C04S10C
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SD603C16S15C Datasheet(HTML) 2 Page - Vishay Siliconix

  SD603C16S15C Datasheet HTML 1Page - Vishay Siliconix SD603C16S15C Datasheet HTML 2Page - Vishay Siliconix SD603C16S15C Datasheet HTML 3Page - Vishay Siliconix SD603C16S15C Datasheet HTML 4Page - Vishay Siliconix SD603C16S15C Datasheet HTML 5Page - Vishay Siliconix SD603C16S15C Datasheet HTML 6Page - Vishay Siliconix SD603C16S15C Datasheet HTML 7Page - Vishay Siliconix SD603C16S15C Datasheet HTML 8Page - Vishay Siliconix SD603C16S15C Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
www.vishay.com
For technical questions, contact: ind-modules@vishay.com
Document Number: 93178
2
Revision: 04-Aug-08
SD603C..C Series
Vishay High Power Products
Fast Recovery Diodes
(Hockey PUK Version), 600 A
ELECTRICAL SPECIFICATIONS
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VRRM, MAXIMUM REPETITIVE PEAK
AND OFF-STATE VOLTAGE
V
VRSM, MAXIMUM NON-REPETITIVE
PEAK VOLTAGE
V
IRRM MAXIMUM
AT TJ = 125 °C
mA
SD603C..S10C
04
400
500
45
08
800
900
10
1000
1100
SD603C..S15C
12
1200
1300
14
1400
1500
16
1600
1700
SD603C..S20C
20
2000
2100
22
2200
2300
FORWARD CONDUCTION
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
at heatsink temperature
IF(AV)
180° conduction, half sine wave
Double side (single side) cooled
600 (300)
A
55 (75)
°C
Maximum RMS current
IF(RMS)
25 °C heatsink temperature double side cooled
942
A
Maximum peak, one-cycle
non-repetitive forward current
IFSM
t = 10 ms
No voltage
reapplied
Sinusoidal half wave,
initial TJ = TJ maximum
8320
t = 8.3 ms
8715
t = 10 ms
100 % VRRM
reapplied
7000
t = 8.3 ms
7330
Maximum I2t for fusing
I2t
t = 10 ms
No voltage
reapplied
346
kA2s
t = 8.3 ms
316
t = 10 ms
100 % VRRM
reapplied
245
t = 8.3 ms
224
Maximum I2
√t for fusing
I2
√t
t = 0.1 to 10 ms, no voltage reapplied
3460
kA2
√s
Low level value of threshold voltage
VF(TO)1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
1.36
V
High level value of threshold voltage
VF(TO)2
(I >
π x I
F(AV)), TJ = TJ maximum
1.81
Low level of forward slope resistance
rf1
(16.7 % x
π x I
F(AV) < I < π x IF(AV)), TJ = TJ maximum
0.87
m
Ω
High level of forward slope resistance
rf2
(I >
π x I
F(AV)), TJ = TJ maximum
0.67
Maximum forward voltage drop
VFM
Ipk = 1885 A, TJ = 25 °C; tp = 10 ms sinusoidal wave
2.97
V
RECOVERY CHARACTERISTICS
CODE
MAXIMUM VALUE
AT TJ = 25 °C
TEST CONDITIONS
TYPICAL VALUES
AT TJ = 125 °C
trr AT 25 % IRRM
(µs)
Ipk
SQUARE
PULSE
(A)
dI/dt
(A/µs)
Vr
(V)
trr AT 25 % IRRM
(µs)
Qrr
(µC)
Irr
(A)
S10
1.0
1000
25
- 30
2.0
45
34
S15
1.5
3.2
87
51
S20
2.0
3.5
97
55
I
FM
t
rr
dir
dt
I
RM(REC)
Q
rr
t


Número de pieza similar - SD603C16S15C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
SD603C16S15C IRF-SD603C16S15C Datasheet
202Kb / 8P
   FAST RECOVERY DIODES Hockey Puk Version
logo
Vishay Siliconix
SD603C16S15C VISHAY-SD603C16S15C Datasheet
443Kb / 11P
   Fast Recovery Diodes (Hockey PUK Version), 600 A
Revision: 04-Aug-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com