Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SM15T12A Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza SM15T12A
Descripción Electrónicos  Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM15T12A Datasheet(HTML) 2 Page - Vishay Siliconix

  SM15T12A Datasheet HTML 1Page - Vishay Siliconix SM15T12A Datasheet HTML 2Page - Vishay Siliconix SM15T12A Datasheet HTML 3Page - Vishay Siliconix SM15T12A Datasheet HTML 4Page - Vishay Siliconix SM15T12A Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SM15T Series
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 88380
Revision: 21-Oct-08
2
Notes:
(1) For bi-directional devices add suffix “CA” instead of “A”
(2) VBR measured after IT applied for 300 µs square wave pulse
(3) For bipolar devices with VR = 10 V or under, the IT limit is doubled
Note:
(1) Mounted on minimum recommended pad layout
Note:
(1) Automotive grade AEC Q101 qualified
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
TYPE (1)
DEVICE
MARKING
CODE
STAND-
OFF
VOLTAGE
VRM (V)
LEAKAGE
CURRENT (3)
IRM AT VR
BREAKDOWN
VOLTAGE
VBR AT IT
(2)
(V)
TEST
CURRENT
IT
(mA)
CLAMPING
VOLTAGE
VC AT IPP
(10/1000 µs)
CLAMPING
VOLTAGE
VC AT IPP
(8/20 µs)
α
T
Max.
10-4/°C
UNI
BI
MIN.
MAX.
(V)
(A)
(V)
(A)
SM15T6V8A
GDE7
GDE7
5.80
1000
6.45
7.14
10
10.5
143
13.4
746
5.7
SM15T7V5A
GDK7
BDK7
6.40
500
7.13
7.88
10
11.3
132
14.5
690
6.1
SM15T10A
GDT7
BDT7
8.55
10.0
9.50
10.5
1.0
14.5
103
18.6
538
7.3
SM15T12A
GDX7
BDX7
10.2
5.0
11.4
12.6
1.0
16.7
90.0
21.7
461
7.8
SM15T15A
GEG7
GEG7
12.8
1.0
14.3
15.8
1.0
21.2
71.0
27.2
368
8.4
SM15T18A
GEM7
BEM7
15.3
1.0
17.1
18.9
1.0
25.2
59.5
32.5
308
8.8
SM15T22A
GET7
BET7
18.8
1.0
20.9
23.1
1.0
30.6
49.0
39.3
254
9.2
SM15T24A
GEV7
GEV7
20.5
1.0
22.8
25.2
1.0
33.2
45.0
42.8
234
9.4
SM15T27A
GEX7
BEX7
23.1
1.0
25.7
28.4
1.0
37.5
40.0
48.3
207
9.6
SM15T30A
GFE7
BFE7
25.6
1.0
28.5
31.5
1.0
41.5
36.0
53.5
187
9.7
SM15T33A
GFG7
GFG7
28.2
1.0
31.4
34.7
1.0
45.7
33.0
59.0
169
9.8
SM15T36A
GFK7
BFK7
30.8
1.0
34.2
37.8
1.0
49.9
30.0
64.3
156
9.9
SM15T39A
GFM7
BFM7
33.3
1.0
37.1
41.0
1.0
53.9
28.0
69.7
143
10.0
SM15T68A
GGG7
GGG7
58.1
1.0
64.6
71.4
1.0
92.0
16.3
121
83
10.4
SM15T100A
GGV7
GGV7
85.5
1.0
95.0
105
1.0
137
11.0
178
56
10.6
SM15T150A
GHK7
GHK7
128
1.0
143
158
1.0
207
7.20
265
38
10.8
SM15T200A
GHR7
GHR7
171
1.0
190
210
1.0
274
5.50
353
28
10.8
SM15T220A
GHR8
GHR8
188
1.0
209
231
1.0
328
4.60
388
26
10.8
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Typical thermal resistance, junction to ambient air (1)
RθJA
75
°C/W
Typical thermal resistance, junction to leads
RθJL
15
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SM15T10A-E3/57T
0.211
57T
850
7" diameter plastic tape and reel
SM15T10A-E3/9AT
0.211
9AT
3500
13" diameter plastic tape and reel
SM15T10AHE3/57T (1)
0.211
57T
850
7" diameter plastic tape and reel
SM15T10AHE3/9AT (1)
0.211
9AT
3500
13" diameter plastic tape and reel


Número de pieza similar - SM15T12A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
SM15T12A STMICROELECTRONICS-SM15T12A Datasheet
189Kb / 5P
   TRANSILTM
logo
General Semiconductor
SM15T12A GE-SM15T12A Datasheet
73Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
SM15T12A STMICROELECTRONICS-SM15T12A Datasheet
125Kb / 9P
   TransilTM
logo
MDE Semiconductor, Inc.
SM15T12A MDE-SM15T12A Datasheet
157Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM15T12A VISHAY-SM15T12A Datasheet
93Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-13
More results

Descripción similar - SM15T12A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
SMBG188CA VISHAY-SMBG188CA Datasheet
116Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMCJ188CA VISHAY-SMCJ188CA Datasheet
121Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 21-Oct-08
P4SMA300AHE3-61 VISHAY-P4SMA300AHE3-61 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
SMAJ5.0A VISHAY-SMAJ5.0A_12 Datasheet
389Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMC5K10A VISHAY-SMC5K10A Datasheet
92Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 06-Apr-17
1.5SMC VISHAY-1.5SMC_V01 Datasheet
110Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMBJ3V3 VISHAY-SMBJ3V3_V01 Datasheet
114Kb / 5P
   Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMPC5.0A VISHAY-SMPC5.0A Datasheet
94Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 19-Apr-11
SMC3K22CA VISHAY-SMC3K22CA Datasheet
91Kb / 4P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 18-May-11
SMP24A-M3-84A VISHAY-SMP24A-M3-84A Datasheet
91Kb / 5P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 11-Dec-12
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com