Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TDA9206 Datasheet(PDF) 5 Page - STMicroelectronics

No. de pieza TDA9206
Descripción Electrónicos  I2C BUS CONTROLLED 130MHz RGB PREAMPLIFIER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  STMICROELECTRONICS [STMicroelectronics]
Página de inicio  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA9206 Datasheet(HTML) 5 Page - STMicroelectronics

  TDA9206 Datasheet HTML 1Page - STMicroelectronics TDA9206 Datasheet HTML 2Page - STMicroelectronics TDA9206 Datasheet HTML 3Page - STMicroelectronics TDA9206 Datasheet HTML 4Page - STMicroelectronics TDA9206 Datasheet HTML 5Page - STMicroelectronics TDA9206 Datasheet HTML 6Page - STMicroelectronics TDA9206 Datasheet HTML 7Page - STMicroelectronics TDA9206 Datasheet HTML 8Page - STMicroelectronics TDA9206 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
HS YNC
V
CONT
BP CP
BLK
Vide o IN
FBLK
OS D IN
V
OS D
V
BR T
V
BLACK
V
DC
V
OUT1,VOUT2,VOUT3
No te : 1. Drive a djus tm e nt modifies the following voltage s : V
CONT,VBRT an d VOSD.
Drive a djus tm e nt do no t modify the following voltage s : V
DC and VBLACK.
Two e xamples
of drive a djus tme nt (1)
Figure 4 : Waveforms (DRIVE adjustment)
SCL
W
A7
A6
A5
A4
A3
A2
A1
A0
SDA
Register Address
ACK
ACK
I2C Slave Address
Start
D7
D6
D5
D4
D3
D2
D1
D0
Data Byte
ACK
Stop
Figure 5 : I
2C Write Operation
FUNCTIONAL DESCRIPTION (continued)
QUICK REFERENCE DATA
Symbol
Parameter
Min.
Typ.
Max.
Unit
Signal Bandwidth (2VPP/12pF load)
130
MHz
Rise and Fall Time (2VPP/12pF load)
2.8
ns
Drive Adjustment Range on the 3 Channels separately
48
dB
Maximum Output Voltage (VIN = 0.7 VPP)5
V
Output Voltage Range (AC + DC)
8
V
TDA9206
5/12


Número de pieza similar - TDA9206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA9201 STMICROELECTRONICS-TDA9201 Datasheet
709Kb / 12P
   WIDE BAND VIDEO PREAMPLIFIER
TDA9203 STMICROELECTRONICS-TDA9203 Datasheet
119Kb / 13P
   I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
   I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
TDA9207 STMICROELECTRONICS-TDA9207 Datasheet
262Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS
TDA9209 STMICROELECTRONICS-TDA9209 Datasheet
268Kb / 22P
   150 MHz PIXEL VIDEO CONTROLLER FOR MONITORS INCLUDING CUT-OFF INPUTS AND VIDEO DETECTION
More results

Descripción similar - TDA9206

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
TDA9203A STMICROELECTRONICS-TDA9203A Datasheet
119Kb / 13P
   I2C BUS CONTROLLED 70MHz RGB PREAMPLIFIER
logo
NXP Semiconductors
TDA8443A PHILIPS-TDA8443A Datasheet
124Kb / 20P
   I2C-bus controlled YUV/RGB switch
1995 Mar 07
logo
Renesas Technology Corp
M52743BSP RENESAS-M52743BSP Datasheet
322Kb / 26P
   I2C BUS Controlled 3-Channel Video Preamplifier
logo
Texas Instruments
LM1276 TI1-LM1276 Datasheet
1Mb / 56P
[Old version datasheet]   Compatible RGB Preamplifier
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
   85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
logo
STMicroelectronics
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
NXP Semiconductors
TDA4887PS PHILIPS-TDA4887PS Datasheet
425Kb / 68P
   160 MHz bus-controlled monitor video preamplifier
2001 Oct 19
logo
ON Semiconductor
NCP5623 ONSEMI-NCP5623 Datasheet
143Kb / 10P
   Triple Output I2C Controlled RGB LED Driver
October, 2008 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com