Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SML4734 Datasheet(PDF) 4 Page - Vishay Siliconix

No. de pieza SML4734
Descripción Electrónicos  Surface Mount Zener Diodes
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SML4734 Datasheet(HTML) 4 Page - Vishay Siliconix

  SML4734 Datasheet HTML 1Page - Vishay Siliconix SML4734 Datasheet HTML 2Page - Vishay Siliconix SML4734 Datasheet HTML 3Page - Vishay Siliconix SML4734 Datasheet HTML 4Page - Vishay Siliconix SML4734 Datasheet HTML 5Page - Vishay Siliconix SML4734 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
www.vishay.com
4
Document Number 85782
Rev. 1.6, 21-Oct-08
SML4728 to SML4764A
Vishay Semiconductors
For technical support, please contact: Diodes-SSP@vishay.com
PACKAGE DIMENSIONS in millimeters (Inches)
Cathode Band
1.32 (0.052) max.
Mounting Pad Layout
0.305 (0.012)
0.152 (0.006)
1.52 (0.060)
0.76 (0.030)
1.65 (0.065)
1.25 (0.049)
2.29 (0.090)
1.98 (0.078)
4.50 (0.177)
3.99 (0.157)
2.79 (0.110)
2.54 (0.100)
18839
5.28 (0.208)
4.93 (0.194)
2.15
(0.084).
2.38 (0.094) max.
5.58 (0.22) Ref.
ISO Method E


Número de pieza similar - SML4734

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SML4734 VISHAY-SML4734 Datasheet
135Kb / 5P
   Surface Mount Zener Diodes
Rev. 1.5, 03-Mar-04
logo
Shanghai Leiditech Elec...
SML4734 LEIDITECH-SML4734 Datasheet
506Kb / 4P
   Plastic package has Underwriters Laboratory Flammability Classification 94 V-0
logo
EIC discrete Semiconduc...
SML4734 EIC-SML4734 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SML4734 EIC-SML4734 Datasheet
99Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Vishay Siliconix
SML4734 VISHAY-SML4734 Datasheet
87Kb / 5P
   Surface Mount Zener Diodes
Rev. 1.8, 29-Nov-11
More results

Descripción similar - SML4734

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com