Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SMZG3804A Datasheet(PDF) 3 Page - Vishay Siliconix |
|
SMZG3804A Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 4 page SMZG3788 thru SMZG3809B Vishay General Semiconductor Document Number: 88458 Revision: 22-Oct-08 For technical questions within your region, please contact one of the following: PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com www.vishay.com 3 RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted) PACKAGE OUTLINE DIMENSIONS in inches (millimeters) Figure 1. Maximum Continuous Power Dissipation Figure 2. Typical Zener Impedance 0 2.0 1.5 1.0 25 50 75 100 125 150 175 0.5 60 Hz Resistive or Inductive Load Lead Temperature (°C) P.C.B. Mounted on 0.31 x 0.31 x 0.08" (8 x 8 x 2 mm) Copper Pad Areas 0 100 10 1000 1 100 500 10 0.5 IZ - Zener Test Current (mA) T J = 25 °C I Z(rms) = 0.1 IZ(DC) V Z = 62 V V Z = 22 V V Z = 10 V Figure 3. Typical Zener Impedance Figure 4. Typical Temperature Coefficients 2 100 200 10 100 10 VZ - Zener Voltage (V) I Z = 1 mA I Z = 10 mA I Z = 20 mA I Z(rms) = 0.1 Iz(DC) 100 10 100 10 Tested at Rated I ZT VZ - Zener Voltage (V) 0.180 (4.57) 0.160 (4.06) 0.016 (0.41) 0.006 (0.15) 0.020 (0.51) MAX. 0.058 (1.47) 0.038 (0.97) 0.255 (6.48) 0.235 (5.97) 0.030 (0.76) 0.015 (0.38) 0.155 (3.94) 0.130 (3.30) 0.083 (2.10) 0 .077 (1.96) 0.095 (2.41) 0.075 (1.90) 0.165 (4.19) 0.085 (2.16) 0.060 (1.27) DO-215AA (SMBG) Mounting Pad Layout Cathode Band 0.008 (0.20) 0.002 (0.05) Seating Plane |
Número de pieza similar - SMZG3804A |
|
Descripción similar - SMZG3804A |