Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

SMB8J30CA Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza SMB8J30CA
Descripción Electrónicos  High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SMB8J30CA Datasheet(HTML) 5 Page - Vishay Siliconix

  SMB8J30CA Datasheet HTML 1Page - Vishay Siliconix SMB8J30CA Datasheet HTML 2Page - Vishay Siliconix SMB8J30CA Datasheet HTML 3Page - Vishay Siliconix SMB8J30CA Datasheet HTML 4Page - Vishay Siliconix SMB8J30CA Datasheet HTML 5Page - Vishay Siliconix SMB8J30CA Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SMB10(8)J5.0(C) thru SMB10(8)J40(C)A
Vishay General Semiconductor
Document Number: 88422
Revision: 22-Oct-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
5
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 5. Typical Transient Thermal Impedance
1.0
10
100
0.01
0.1
10
1
100
1000
tp - Pulse Duration (s)
Figure 6. Maximum Non-Repetitive Forward Surge Current
10
200
100
100
1
10
Number of Cycles at 60 Hz
8.3 ms Single Half Sine-Wave
Uni-Directional Only
Mounting Pad Layout
0.085 (2.159)
MAX.
0.086 (2.18)
MIN.
0.060 (1.52)
MIN.
0.220 REF.
DO-214AA (SMB)
Cathode Band
0.155 (3.94)
0.130 (3.30)
0.012 (0.305)
0.006 (0.152)
0.008 (0.2)
0 (0)
0.220 (5.59)
0.205 (5.21)
0.060 (1.52)
0.030 (0.76)
0.096 (2.44)
0.084 (2.13)
0.180 (4.57)
0.160 (4.06)
0.086 (2.20)
0.077 (1.95)


Número de pieza similar - SMB8J30CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMB8J30CA VISHAY-SMB8J30CA Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMB8J30CA VISHAY-SMB8J30CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB8J30CA VISHAY-SMB8J30CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
More results

Descripción similar - SMB8J30CA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
SMA5J40CA VISHAY-SMA5J40CA Datasheet
114Kb / 6P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
SMA5J5.0A VISHAY-SMA5J5.0A_12 Datasheet
91Kb / 5P
   High Power Density Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 26-Jan-12
SMB108J40CA VISHAY-SMB108J40CA Datasheet
117Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMB108J5.0CA VISHAY-SMB108J5.0CA Datasheet
118Kb / 6P
   High Power Density Surface-Mount TRANSZORB® Transient Voltage Suppressors
01-Jan-2022
SMA5J30CA VISHAY-SMA5J30CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SMB10J30A-E3 VISHAY-SMB10J30A-E3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMA5J36CA VISHAY-SMA5J36CA Datasheet
87Kb / 5P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 24-Oct-12
logo
Shenzhen Taychipst Elec...
SMA5J5.0A TAYCHIPST-SMA5J5.0A Datasheet
18Mb / 3P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
logo
Vishay Siliconix
SMB10J24HE3 VISHAY-SMB10J24HE3 Datasheet
97Kb / 6P
   High Power Density Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 12-Nov-12
SMAJ188CA VISHAY-SMAJ188CA Datasheet
117Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com