Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


CS20108D1S330SSE Datasheet(Hoja de datos) 2 Page - Vishay Siliconix

No. de Pieza. CS20108D1S330SSE
Descripción  Capacitor Networks, Single-In-Line,Conformal Coated SIP,
Descarga  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo 

   
 2 page
background image
Document Number: 31522
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 07-Aug-08
2
CS201
Capacitor Networks, Single-In-Line,
Conformal Coated SIP, "D" Profile
Vishay Dale
DIMENSIONS in inches [millimeters]
Pin #1 is extreme left-hand terminal on side with marking.
NUMBER
OF PINS
L
MAXIMUM
NUMBER
OF PINS
L
MAXIMUM
NUMBER
OF PINS
L
MAXIMUM
4 pin
0.400 [10.16]
9 pin
0.900 [22.86]
14 pin
1.400 [35.56]
5 pin
0.500 [12.70]
10 pin
1.000 [25.40]
15 pin
1.500 [38.10]
6 pin
0.600 [15.24]
11 pin
1.100 [27.94]
16 pin
1.600 [40.64]
7 pin
0.700 [17.78]
12 pin
1.200 [30.48]
17 pin
1.700 [43.18]
8 pin
0.800 [20.32]
13 pin
1.300 [33.02]
18 pin
1.800 [45.72]
SCHEMATICS
0.100 ± 0.005 [2.54 ± 0.127]
Non-Cumulative
at Point of Egress
0.020
[0.508]
0.050 [1.27]
0.300
[7.62]
L
Max.
0.085 [2.160]
Typ.
0.135 [3.43]
Max.
0.050 [1.27]
Typ.
0.010
[0.254]
0.135 + 0.015 - 0.010
[3.43 + 0.381 - 0.254]
Seating Plane
for 0.040 [1.016] Ø Hole
0
.007 [0.178] Ref.
1
2
3
4
5
6
n-1
n
Schematic 1
Common Bus - 1 Ground Lead
Schematic 3
1
2
3
4
5
6
7
8
n-1
n
Isolated Capacitor Sections
Schematic 4
1
2
3
4
n-1
n
Common Bus - 2 Ground Leads




Html Pages

1  2  3 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
CS201Capacitor Networks Single-In-Line Conformal Coated SIP D Profile 1 2 3 Vishay Siliconix
C101102MSL2Single-In-Line Conformal Coated Capacitor Networks 1 2 3 Bi technologies
M85331JXXThick Film Low Profile SIP Conformal Coated Resistor Networks 1 2 3 4 Bi technologies
BH85331FHigh Profile SIP Thick Film Conformal Coated Resistor Networks 1 2 3 4 Bi technologies
572D_08Solid Tantalum Chip Capacitors TANTAMOUNT® Low Profile Conformal Coated Maximum CV 1 2 3 4 5 Vishay Siliconix
595DSolid Tantalum Chip Capacitors TANTAMOUNT® Conformal Coated Maximum CV 1 2 3 4 5 MoreVishay Siliconix
591D_08Solid Tantalum Chip Capacitors TANTAMOUNT® Low Profile Low ESR Conformal Coated Maximum CV 1 2 3 4 5 MoreVishay Siliconix
594DSolid Tantalum Chip Capacitors TANTAMOUNT Conformal Coated Maximum CV Low ESR 1 2 3 4 5 MoreVishay Siliconix
592D_08Solid Tantalum Chip Capacitors TANTAMOUNT® Low Profile Conformal Coated Maximum CV 1 2 3 4 5 MoreVishay Siliconix
RRY2BSIP RESISTOR NETWORKS VOLTAGE DIVIDERS 1 Willow Technologies Ltd

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl