Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST183C08CHK3P Datasheet(PDF) 5 Page - Vishay Siliconix

No. de pieza ST183C08CHK3P
Descripción Electrónicos  Inverter Grade Thyristors (Hockey PUK Version), 370 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST183C08CHK3P Datasheet(HTML) 5 Page - Vishay Siliconix

  ST183C08CHK3P Datasheet HTML 1Page - Vishay Siliconix ST183C08CHK3P Datasheet HTML 2Page - Vishay Siliconix ST183C08CHK3P Datasheet HTML 3Page - Vishay Siliconix ST183C08CHK3P Datasheet HTML 4Page - Vishay Siliconix ST183C08CHK3P Datasheet HTML 5Page - Vishay Siliconix ST183C08CHK3P Datasheet HTML 6Page - Vishay Siliconix ST183C08CHK3P Datasheet HTML 7Page - Vishay Siliconix ST183C08CHK3P Datasheet HTML 8Page - Vishay Siliconix ST183C08CHK3P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Document Number: 94368
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 30-Apr-08
5
ST183CPbF Series
Inverter Grade Thyristors
(Hockey PUK Version), 370 A
Vishay High Power Products
Fig. 5 - On-State Power Loss Characteristics
Fig. 6 - On-State Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 8 - Maximum Non-Repetitive Surge Current
Single and Double Side Cooled
Fig. 9 - On-State Voltage Drop Characteristics
Fig. 10 - Thermal Impedance ZthJC Characteristics
Average On-State Current (A)
0
350 400 450
150
100
50
250
200
300
0
100
200
300
400
500
600
700
800
900
1000
ST183C..C Series
T
J = 125 °C
Conduction angle
RMS limit
Ø
180°
120°
90°
60°
30°
Average On-State Current (A)
0
500
600
700
100
300
200
400
0
200
400
600
800
1000
1200
1400
ST183C..C Series
T
J = 125 °C
Conduction period
RMS limit
DC
180°
120°
90°
60°
30°
Ø
2000
Number of Equal Amplitude Half Cycle
Current Pulses (N)
1
10
100
4500
4000
3500
3000
2500
ST183C..C Series
At any rated load condition and with
rated V
RRM applied following surge.
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
2000
Pulse Train Duration (s)
0.01
0.1
1
5000
4500
4000
3500
3000
2500
ST183C..C Series
Maximum non-repetitive surge current
versus pulse train duration. Control
of conduction may not be maintained.
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
100
1000
Instantaneous On-State Voltage (V)
ST183C..C Series
1.5
1
2
2.5
4.5
10 000
3.5
34
T
J = 25 °C
T
J = 125 °C
0.001
0.01
0.1
Square Wave Pulse Duration (s)
ST183C..C Series
0.01
0.001
0.1
1
10
1
Steady state value
R
thJ-hs = 0.17 K/W
(Single side cooled)
R
thJ-hs = 0.08 K/W
(Double side cooled)
(DC operation)


Número de pieza similar - ST183C08CHK3P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST183C08CFN0 IRF-ST183C08CFN0 Datasheet
196Kb / 10P
   INVERTER GRADE THYRISTORS
More results

Descripción similar - ST183C08CHK3P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
ST203CPBF VISHAY-ST203CPBF Datasheet
309Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 30-Apr-08
VS-ST203C VISHAY-VS-ST203C_V01 Datasheet
382Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
VS-ST203C VISHAY-VS-ST203C Datasheet
402Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
Revision: 16-Dec-13
VS-ST183C VISHAY-VS-ST183C_V01 Datasheet
225Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 370 A
01-Jan-2022
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com