Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ST303CLPBF Datasheet(PDF) 1 Page - Vishay Siliconix

No. de pieza ST303CLPBF
Descripción Electrónicos  Inverter Grade Thyristors (Hockey PUK Version), 515 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

ST303CLPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  ST303CLPBF Datasheet HTML 1Page - Vishay Siliconix ST303CLPBF Datasheet HTML 2Page - Vishay Siliconix ST303CLPBF Datasheet HTML 3Page - Vishay Siliconix ST303CLPBF Datasheet HTML 4Page - Vishay Siliconix ST303CLPBF Datasheet HTML 5Page - Vishay Siliconix ST303CLPBF Datasheet HTML 6Page - Vishay Siliconix ST303CLPBF Datasheet HTML 7Page - Vishay Siliconix ST303CLPBF Datasheet HTML 8Page - Vishay Siliconix ST303CLPBF Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Document Number: 94374
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 25-Jul-08
1
Inverter Grade Thyristors
(Hockey PUK Version), 515 A
ST303CLPbF Series
Vishay High Power Products
FEATURES
• Metal case with ceramic insulator
• All diffused design
• Center amplifying gate
• Guaranteed high dV/dt
• Guaranteed high dI/dt
• International standard case TO-200AC (B-PUK)
• High surge current capability
• Low thermal impedance
• High speed performance
• Lead (Pb)-free
• Designed and qualified for industrial level
TYPICAL APPLICATIONS
•Inverters
• Choppers
• Induction heating
• All types of force-commutated converters
Note
•tq = 10 to 20 µs for 400 to 800 V devices
tq = 15 to 30 µs for 1000 to 1200 V devices
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IT(AV)
515 A
TO-200AC (B-PUK)
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
PARAMETER
TEST CONDITIONS
VALUES
UNITS
IT(AV)
515
A
Ths
55
°C
IT(RMS)
995
A
Ths
25
°C
ITSM
50 Hz
7950
A
60 Hz
8320
I2t
50 Hz
316
kA2s
60 Hz
289
VDRM/VRRM
400 to 1200
V
tq
Range
10 to 30
µs
TJ
- 40 to 125
°C
VOLTAGE RATINGS
TYPE NUMBER
VOLTAGE
CODE
VDRM/VRRM, MAXIMUM
REPETITIVE PEAK VOLTAGE
V
VRSM, MAXIMUM
NON-REPETITIVE PEAK VOLTAGE
V
IDRM/IRRM MAXIMUM
AT TJ = TJ MAXIMUM
mA
ST303C..L
04
400
500
50
08
800
900
10
1000
1100
12
1200
1300


Número de pieza similar - ST303CLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C1111 IRF-ST303C1111 Datasheet
468Kb / 10P
   INVERTER GRADE THYRISTORS Puk Version
logo
Vishay Siliconix
ST303C12CHK1-P VISHAY-ST303C12CHK1-P Datasheet
300Kb / 9P
   Inverter Grade Thyristors (PUK Version), 620 A
Revision: 25-Jul-08
ST303CPBF VISHAY-ST303CPBF Datasheet
300Kb / 9P
   Inverter Grade Thyristors (PUK Version), 620 A
Revision: 25-Jul-08
More results

Descripción similar - ST303CLPBF

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
ST173C IRF-ST173C Datasheet
427Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST303C IRF-ST303C Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C1111 IRF-ST333C1111 Datasheet
471Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST203C IRF-ST203C Datasheet
483Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST333C IRF-ST333C Datasheet
478Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST223C IRF-ST223C Datasheet
479Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST183C IRF-ST183C Datasheet
426Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
ST733C IRF-ST733C Datasheet
404Kb / 10P
   INVERTER GRADE THYRISTORS Hockey Puk Version
logo
Vishay Siliconix
ST333CPBF VISHAY-ST333CPBF Datasheet
346Kb / 9P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 30-Apr-08
VS-ST333CC VISHAY-VS-ST333CC Datasheet
286Kb / 10P
   Inverter Grade Thyristors (Hockey PUK Version), 720 A
Revision: 13-Sep-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com