Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DFM Datasheet(PDF) 3 Page - Vishay Siliconix |
|
DFM Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 5 page www.vishay.com For technical questions, contact: ff2aresistors@vishay.com Document Number: 31517 332 Revision: 08-Jul-08 DFM (Military M83401) Vishay Dale Thick Film Resistor Networks, Military, MIL-PRF-83401 Qualified, Type RZ030, Schematics A (11), B (12), J (15) CIRCUIT APPLICATIONS 11 Schematic DFM1411 (M8340103xxxxxxA) 7 isolated resistors The DFM1411 provides the user with 7 nominally equal resistors with each resistor isolated from all others. Commonly used in the following applications: • “Wired OR” Pull-up • Line Termination • LED Current Limiting • Power Driven Pull-up • ECL Output Pull-down • Power Gate Pull-up • TTL Input Pull-down • Long-line Impedance balancing 12 Schematic DFM1412 (M8340103xxxxxxB) 13 resistors with one pin common The DFM1412 provides the user with a choice of 13 nominally equal resistors, each connected to a common pin. Commonly used in the following applications: • MOS/ROM Pull-up/ • “Wired OR” Pull-up • Digital Pulse Squaring • Pull-down • Power Driven Pull-up • TTL Input Pull-down • Open Collector Pull-up • TTL Unused Gate Pull-up • High Speed Parallel Pull-up 15 Schematic DFM1415 (M8340103xxxxxxJ) 12 pairs of resistors The DFM1415 provides the user with a choice of 12 pairs of R1/R2 resistor values for pulse squaring and TTL dual-line terminating requirements. CAGE CODE: 91637 Pin #1 DFM1411 • • • • • • • Pin #1 DFM1412 DFM1415 14 R1 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2 R1 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2 R2 R2 1 |
Número de pieza similar - DFM |
|
Descripción similar - DFM |