Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TSMF1030 Datasheet(PDF) 7 Page - Vishay Siliconix

No. de pieza TSMF1030
Descripción Electrónicos  High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSMF1030 Datasheet(HTML) 7 Page - Vishay Siliconix

  TSMF1030 Datasheet HTML 1Page - Vishay Siliconix TSMF1030 Datasheet HTML 2Page - Vishay Siliconix TSMF1030 Datasheet HTML 3Page - Vishay Siliconix TSMF1030 Datasheet HTML 4Page - Vishay Siliconix TSMF1030 Datasheet HTML 5Page - Vishay Siliconix TSMF1030 Datasheet HTML 6Page - Vishay Siliconix TSMF1030 Datasheet HTML 7Page - Vishay Siliconix TSMF1030 Datasheet HTML 8Page - Vishay Siliconix TSMF1030 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www.vishay.com
For technical questions, contact: emittertechsupport@vishay.com
Document Number: 81061
230
Rev. 1.7, 04-Sep-08
TSMF1000, TSMF1020, TSMF1030
Vishay Semiconductors High Speed Infrared Emitting Diode, RoHS
Compliant, 890 nm, GaAlAs Double Hetero
TAPING DIMENSIONS in millimeters: TSMF1000
TAPING DIMENSIONS in millimeters: TSMF1020
18030
3.05 ± 0.1
0.3
Ø
1.55 ± 0.05
4 ± 0.1
2 ± 0.05
4 ± 0.1
Top tape
Push pin through hole
Quantity per reel: 1000 pcs or 5000 pcs
Feed direction
Anode
18031
3.05 ± 0.1
0.3
Ø
1.55 ± 0.05
4 ± 0.1
2 ± 0.05
4 ± 0.1
Top tape
Push pin through hole
Quantity per reel: 1000 pcs or 5000 pcs
Feed direction
Anode


Número de pieza similar - TSMF1030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSMF1030 VISHAY-TSMF1030 Datasheet
491Kb / 9P
   High Speed IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSMF1030 VISHAY-TSMF1030 Datasheet
183Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.8, 30-Jun-11
TSMF1030 VISHAY-TSMF1030 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSMF1030 VISHAY-TSMF1030 Datasheet
173Kb / 10P
   High Speed Infrared Emitting Diode, RoHS-Compliant, 890 nm, Surface Emitter Technology
01-Jan-2023
More results

Descripción similar - TSMF1030

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
TSMF1000 VISHAY-TSMF1000_11 Datasheet
183Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.8, 30-Jun-11
TSHF5210 VISHAY-TSHF5210_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSHF6410 VISHAY-TSHF6410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 04-Sep-08
VSMF3710 VISHAY-VSMF3710_08 Datasheet
136Kb / 6P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.6, 31-Jul-08
TSHF4410 VISHAY-TSHF4410 Datasheet
97Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.1, 16-Sep-08
TSMF1000 VISHAY-TSMF1000_V01 Datasheet
220Kb / 9P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
01-Jan-2022
TSHF5410 VISHAY-TSHF5410_08 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 04-Sep-08
TSSF4500 VISHAY-TSSF4500_08 Datasheet
91Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 890 nm, GaAlAs Double Hetero
Rev. 1.6, 04-Sep-08
TSHF5410 VISHAY-TSHF5410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.3, 25-Jun-09
TSHF6410 VISHAY-TSHF6410_09 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 890 nm, GaAlAs Double Hetero
Rev. 1.2, 25-Jun-09
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com