Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LSN2-T Datasheet(PDF) 5 Page - Murata Manufacturing Co., Ltd.

No. de pieza LSN2-T
Descripción Electrónicos  DOSA-SIP, 30A POL DC/DC Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LSN2-T Datasheet(HTML) 5 Page - Murata Manufacturing Co., Ltd.

  LSN2-T Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 6Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 7Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 8Page - Murata Manufacturing Co., Ltd. LSN2-T Datasheet HTML 9Page - Murata Manufacturing Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
LSN2-T/30-D12 Series
DOSA-SIP, 30A POL DC/DC Converters
Technical enquiries email: sales@murata-ps.com, tel: +1 508 339 3000
www.murata-ps.com
MDC_LSN2-T/30-D12 Series.B15 Page 5 of 17
Figure 3. Measuring Output Ripple/Noise (PARD)
The most effective combination of external I/O capacitors will be a function
of your line voltage and source impedance, as well as your particular load and
layout conditions.
Input Fusing
Most applications and or safety agencies require the installation of fuses at the
inputs of power conversion components. The LSN2-T/30-D12 Series are not
internally fused. Therefore, if input fusing is mandatory, either a normal-blow
or a slow-blow fuse with a value no greater than twice the maximum input cur-
rent calculated at low line with the converter’s minimum efficiency should be
installed within the ungrounded input path to the converter.
Safety Considerations
LSN2-T/30-D12 SIPs are non-isolated DC/DC converters. In general, all DC/DC’s
must be installed, including considerations for I/O voltages and spacing/separa-
tion requirements, in compliance with relevant safety-agency specifications
(usually UL/IEC/EN60950-1).
In particular, for a non-isolated converter’s output voltage to meet SELV
(safety extra low voltage) requirements, its input must be SELV compliant. If the
output needs to be ELV (extra low voltage), the input must be ELV.
Input Overvoltage and Reverse-Polarity Protection
LSN2-T/30-D12 SIP Series DC/DCs do not incorporate either input overvoltage
or input reverse-polarity protection. Input voltages in excess of the specified
absolute maximum ratings and input polarity reversals of longer than “instan-
taneous” duration can cause permanent damage to these devices.
Start-Up Time
The VIN to VOUT Start-Up Time is the interval between the time at which a ramp-
ing input voltage crosses the lower limit of the specified input voltage range
and the fully loaded output voltage enters and remains within its specified
accuracy band. Actual measured times will vary with input source impedance,
external input capacitance, and the slew rate and final value of the input voltage
as it appears to the converter.
The On/Off to VOUT Start-Up Time assumes the converter is turned off via the
On/Off Control with the nominal input voltage already applied to the converter.
The specification defines the interval between the time at which the converter
is turned on and the fully loaded output voltage enters and remains within its
specified accuracy band. See Typical Performance Curves.
Remote Sense
LSN2-T/30-D12 Series offer an output sense function. The sense function
enables point-of-use regulation for overcoming moderate IR drops in conduc-
tors and/or cabling. Since these are non-isolated devices whose inputs and
outputs usually share the same ground plane, sense is provided only for the
+Output.
The remote sense line is part of the feedback control loop regulating the
DC/DC converter’s output. The sense line carries very little current and conse-
quently requires a minimal cross-sectional-area conductor. As such, it is not a
low-impedance point and must be treated with care in layout and cabling. Sense
lines should be run adjacent to signals (preferably ground), and in cable and/or
discrete-wiring applications, twisted-pair or similar techniques should be used.
To prevent high frequency voltage differences between VOUT and Sense, we
recommend installation of a 1000pF capacitor close to the converter.
The sense function is capable of compensating for voltage drops between
the +Output and +Sense pins that do not exceed 10% of VOUT.
[VOUT(+) – Common] – [Sense(+) – Common]
≤ 10%VOUT
Power derating (output current limiting) is based upon maximum output cur-
rent and voltage at the converter’s output pins. Use of trim and sense functions
can cause the output voltage to increase, thereby increasing output power
beyond the LSN2-T/30-D12’s specified rating. Therefore:
(VOUT at pins) x (IOUT)
≤ rated output power
The internal 10.5
W resistor between +Sense and +Output (see Figure 1)
serves to protect the sense function by limiting the output current flowing
through the sense line if the main output is disconnected. It also prevents
output voltage runaway if the sense connection is disconnected.
Note: If the sense function is not used for remote regulation, +Sense
must be tied to +Output at the DC/DC converter pins.
Remote On/Off Control
Normally this input is controlled by the user’s external transistor or relay. With
simple external circuits, it may also be selected by logic outputs. Please note
however that the actual control threshold levels vary somewhat with the PWM
supply and therefore are best suited to “open collector” or “open drain” type
logic. The On/Off control takes effect only when appropriate input power has
been applied and stabilized (approximately 7msec).
For negative polarity, the default operation leaves this pin open (unconnected)
or LOW. The output will then always be on (enabled) whenever appropriate input
power is applied.
Dynamic control of the On/Off must be capable of sinking or sourcing the
control current (approximately 1mA max.) and not overdrive the input greater
than the +VIN power input. Always wait for the input power to stabilize before
activating the On/Off control. Be aware that a delay of several milliseconds
occurs (see specifications) between activation of the control and the resulting
change in the output.
C1
C1 = 1µF CERAMIC
C2 = 10µF TANTALUM
LOAD 2-3 INCHES (51-76mm) FROM MODULE
C2
RLOAD
COPPER STRIP
COPPER STRIP
SCOPE
+OUTPUT
COMMON
+SENSE


Número de pieza similar - LSN2-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
C&D Technologies
LSN2-T/10-C CANDD-LSN2-T/10-C Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
LSN2-T/10-D12 CANDD-LSN2-T/10-D12 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
logo
Murata Manufacturing Co...
LSN2-T/10-D12 MURATA-LSN2-T/10-D12 Datasheet
293Kb / 15P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
logo
C&D Technologies
LSN2-T/10-W3 CANDD-LSN2-T/10-W3 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
logo
Murata Manufacturing Co...
LSN2-T/10-W3 MURATA-LSN2-T/10-W3 Datasheet
293Kb / 15P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
More results

Descripción similar - LSN2-T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
LSN2-T30-D12 MURATA-LSN2-T30-D12 Datasheet
464Kb / 17P
   DOSA-SIP, 30A POL DC/DC Converters
LSM2-T30-D12 MURATA-LSM2-T30-D12 Datasheet
397Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T MURATA-LSM2-T Datasheet
1Mb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
LSM2-T-30-D12-C MURATA-LSM2-T-30-D12-C Datasheet
421Kb / 12P
   DOSA-SMT, 30A POL DC/DC Converters
logo
Murata Power Solutions ...
OKX-T10-T16-D12 MURATA-PS-OKX-T10-T16-D12 Datasheet
448Kb / 17P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10_1 Datasheet
346Kb / 13P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10-T16-W5 MURATA-PS-OKX-T10-T16-W5 Datasheet
320Kb / 14P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX-T10 MURATA-PS-OKX-T10 Datasheet
190Kb / 4P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
OKX MURATA-PS-OKX Datasheet
518Kb / 15P
   Adjustable DOSA 10/16-Amp SIP DC/DC Converters
logo
C&D Technologies
LSN2 CANDD-LSN2 Datasheet
218Kb / 14P
   Non-isolated, DOSA-SIP, 6/10/16A Selectable-Output DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com