Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FP2001481001C Datasheet(PDF) 2 Page - Vishay Siliconix

No. de pieza FP2001481001C
Descripción Electrónicos  Hermetic Flat-Pak Resistor Networks
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

FP2001481001C Datasheet(HTML) 2 Page - Vishay Siliconix

  FP2001481001C Datasheet HTML 1Page - Vishay Siliconix FP2001481001C Datasheet HTML 2Page - Vishay Siliconix FP2001481001C Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FP 200, 201, 202
Vishay Thin Film
Hermetic Flat-Pak Resistor Networks
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 61073
46
Revision: 05-Mar-08
PACKAGE OUTLINE DRAWING AND DIMENSIONS
A
D
C
S
E E
1
b
k
S
1
e
Q
FLAT-PAK FP200
DIMENSIONS in inches
14 LEAD
16 LEAD
MINIMUM
MAXIMUM
MINIMUM
MAXIMUM
A
0.086
0.106
0.045
0.115
b
0.015
0.019
0.015
0.019
C
0.004
0.007
0.003
0.009
D
0.373
0.383
-
0.440
e
0.047
0.053
0.050
BSC
E
0.250
0.260
0.245
0.285
E1
-
0.290
-
0.315
E2
0.158
0.172
0.130
-
E3
0.030
-
0.030
-
L
-
-
0.250
0.370
Q
0.026
-
0.26
0.045
S
-
0.045
-
0.045
S1
0.005
-
0.005
-
K
-
-
0.008
0.015
DIMENSIONS in millimeters
14 LEAD
16 LEAD
MINIMUM
MAXIMUM
MINIMUM
MAXIMUM
A
2.18
2.69
1.14
2.92
b
0.38
0.48
0.38
0.48
C
0.10
0.18
0.08
0.23
D
9.47
9.73
-
11.18
e
1.19
1.35
1.27
BSC
E
6.35
6.60
6.22
7.24
E1
-
7.37
-
8.00
E2
4.01
4.37
3.30
-
E3
0.76
-
0.76
-
L
-
-
6.35
9.40
Q
0.66
-
0.66
1.14
S
-
1.14
-
1.14
S1
0.13
-
0.13
-
K
-
-
0.20
0.38
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: FP2001681001BFBCW (preferred part number format)
GLOBAL
MODEL
CASE
SIZE
NUMBER OF
RESISTORS
(1 or 2 digits)
OHMIC
VALUE
ABSOLUTE
TOLERANCE
RATIO
TOLERANCE
ABSOLUTE
TCR
RATIO
TCR
PACKAGING
FP200
FP201
FP202
14
16
14
16
14
16
7
8
12
14
13
16
The first 3 digits
are
significant
figures and the
last digit speci-
fies the num-
ber of zeros to
follow. “R” des-
ignates
the
decimal point.
Example:
10R0 = 10
Ω
1000 = 100
Ω
1001 = 1000
Ω
A = 0.05 %
B = 0.1 %
C = 0.2 %
D = 0.5 %
F = 1 %
G = 2 %
J = 5 %
K = 10 %
M = 20 %
B = 0.01 %
C = 0.025 %
D = 0.05 %
F = 0.1 %
H = 0.25 %
J = 0.5 %
K = 1 %
X = Not
applicable
A = 10 ppm/°C
B = 25 ppm/°C
D = 50 ppm/°C
E = 100 ppm/°C
*C = 2 ppm
*D = 3 ppm
F = 5 ppm
G = 10 ppm
X = N/A
* Value
dependant
W = WAFFLE
100 min. 1 mult
Historical Part Number example: FP2001681002BFBC (will continue to be accepted)
FP200
16
8
1002
B
F
B
C
MODEL
NUMBER
OF LEADS
NUMBER OF
RESISTORS
RESISTANCE
ABSOLUTE
TOLERANCE
RATIO
TOLERANCE
ABSOLUTE
TCR
RATIO
TCR
1
613
001
1
2
FB
C
B
W
20
FP
1
6
8
001
1
0
FB
C
B
W
20
FP


Número de pieza similar - FP2001481001C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
FP20014810R0BFACW VISHAY-FP20014810R0BFACW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
FP20014810R0BFADW VISHAY-FP20014810R0BFADW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
FP20014810R0BFBCW VISHAY-FP20014810R0BFBCW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
FP20014810R0BFBDW VISHAY-FP20014810R0BFBDW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
FP20014810R0BHACW VISHAY-FP20014810R0BHACW Datasheet
101Kb / 3P
   Hermetic Flat Pack Thin Film Resistor, Surface Mount Network
Revision: 16-Mar-17
More results

Descripción similar - FP2001481001C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
FP200 VISHAY-FP200 Datasheet
99Kb / 2P
   Hermetic Flat-Pak Resistor Networks
Revision 18-Nov-02
RMKD VISHAY-RMKD_08 Datasheet
278Kb / 4P
   Hermetic, Dual-In-Line Packaged Resistor Networks
Revision: 16-Oct-06
SLCC VISHAY-SLCC_08 Datasheet
137Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 16-Jun-08
LCC VISHAY-LCC Datasheet
153Kb / 4P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 31-Jul-08
SLCC VISHAY-SLCC Datasheet
238Kb / 3P
   Hermetic, 50 Mil Pitch, Leadless Chip Resistor Networks
Revision: 06-Jul-06
RMKD VISHAY-RMKD Datasheet
113Kb / 3P
   Hermetic, Dual-In-Line or TO Package Resistor Networks
Revision 27-Apr-01
logo
ACCUTEK MICROCIRCUIT CO...
AK06G-R5T ACCUTEK-AK06G-R5T_09 Datasheet
112Kb / 4P
   RESISTOR NETWORKS
logo
TT Electronics.
628-L TTELEC-628-L Datasheet
181Kb / 4P
   Resistor Networks
logo
KOA Speer Electronics, ...
MRGF16 KOA-MRGF16 Datasheet
267Kb / 2P
   mini flat package type thick film resistor networks
logo
IRC - a TT electronics ...
8900SPACE IRCTT-8900SPACE Datasheet
385Kb / 3P
   Space Flight Surface Mount Flat Packs Resistor Networks
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com