Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A-103-Z-20-Y5V-H-5-UAA Datasheet(PDF) 6 Page - Vishay Siliconix

No. de pieza A-103-Z-20-Y5V-H-5-UAA
Descripción Electrónicos  Dipped Axial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  VISHAY [Vishay Siliconix]
Página de inicio  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

A-103-Z-20-Y5V-H-5-UAA Datasheet(HTML) 6 Page - Vishay Siliconix

Back Button A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 2Page - Vishay Siliconix A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 3Page - Vishay Siliconix A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 4Page - Vishay Siliconix A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 5Page - Vishay Siliconix A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 6Page - Vishay Siliconix A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 7Page - Vishay Siliconix A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 8Page - Vishay Siliconix A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 9Page - Vishay Siliconix A-103-Z-20-Y5V-H-5-UAA Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Document Number: 45164
If not in range chart or for technical questions please contact cmll@vishay.com
www.vishay.com
Revision: 17-Jan-06
25
Mono-Axial
Dipped Axial Multilayer Ceramic Capacitors
for 50 - 100 Vdc
Vishay
MONO-AXIAL C0G - 50 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
5 % TOLERANCE
10 % TOLERANCE
PACKAGING
330
50 Vdc
A331J15C0GF5UAA
A331K15C0GF5UAA
AMMO
390
A391J15C0GF5TAA
A391K15C0GF5TAA
REEL
390
A391J15C0GF5UAA
A391K15C0GF5UAA
AMMO
470
A471J15C0GF5TAA
A471K15C0GF5TAA
REEL
470
A471J15C0GF5UAA
A471K15C0GF5UAA
AMMO
560
A561J15C0GF5TAA
A561K15C0GF5TAA
REEL
560
A561J15C0GF5UAA
A561K15C0GF5UAA
AMMO
680
A681J15C0GF5TAA
A681K15C0GF5TAA
REEL
680
A681J15C0GF5UAA
A681K15C0GF5UAA
AMMO
820
A821J15C0GF5TAA
A821K15C0GF5TAA
REEL
820
A821J15C0GF5UAA
A821K15C0GF5UAA
AMMO
1000
A102J15C0GF5TAA
A102K15C0GF5TAA
REEL
1000
A102J15C0GF5UAA
A102K15C0GF5UAA
AMMO
1200
A122J15C0GF5TAA
A122K15C0GF5TAA
REEL
1200
A122J15C0GF5UAA
A122K15C0GF5UAA
AMMO
1500
A152J15C0GF5TAA
A152K15C0GF5TAA
REEL
1500
A152J15C0GF5UAA
A152K15C0GF5UAA
AMMO
1800
A182J15C0GF5TAA
A182K15C0GF5TAA
REEL
1800
A182J15C0GF5UAA
A182K15C0GF5UAA
AMMO
2200
A222J15C0GF5TAA
A222K15C0GF5TAA
REEL
2200
A222J15C0GF5UAA
A222K15C0GF5UAA
AMMO
2700
A272J20C0GF5TAA
A272K20C0GF5TAA
REEL
2700
A272J20C0GF5UAA
A272K20C0GF5UAA
AMMO
3300
A332J20C0GF5TAA
A332K20C0GF5TAA
REEL
3300
A332J20C0GF5UAA
A332K20C0GF5UAA
AMMO
3900
A392J20C0GF5TAA
A392K20C0GF5TAA
REEL
3900
A392J20C0GF5UAA
A392K20C0GF5UAA
AMMO
4700
A472J20C0GF5TAA
A472K20C0GF5TAA
REEL
4700
A472J20C0GF5UAA
A472K20C0GF5UAA
AMMO
5600
A562J20C0GF5TAA
A562K20C0GF5TAA
REEL
5600
A562J20C0GF5UAA
A562K20C0GF5UAA
AMMO
MONO-AXIAL Y5V - 100 VDC CLEAR TEXT CODE
CAP (pF)
RATED VOLTAGE (Vdc)
+ 80/- 20 % TOLERANCE
PACKAGING
10 000
100 Vdc
A103Z15Y5VH5TAA
REEL
10 000
A103Z15Y5VH5UAA
AMMO
15 000
A153Z15Y5VH5TAA
REEL
15 000
A153Z15Y5VH5UAA
AMMO
22 000
A223Z15Y5VH5TAA
REEL
22 000
A223Z15Y5VH5UAA
AMMO
33 000
A333Z15Y5VH5TAA
REEL
33 000
A333Z15Y5VH5UAA
AMMO
47 000
A473Z15Y5VH5TAA
REEL
47 000
A473Z15Y5VH5UAA
AMMO
68 000
A683Z15Y5VH5TAA
REEL
68 000
A683Z15Y5VH5UAA
AMMO
100 000
A104Z15Y5VH5TAA
REEL
100 000
A104Z15Y5VH5UAA
AMMO
150 000
A154Z20Y5VH5TAA
REEL
150 000
A154Z20Y5VH5UAA
AMMO
220 000
A224Z20Y5VH5TAA
REEL
220 000
A224Z20Y5VH5UAA
AMMO


Número de pieza similar - A-103-Z-20-Y5V-H-5-UAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
A-103-J-15-C0G-K-5-TAA VISHAY-A-103-J-15-C0G-K-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-J-15-C0G-K-5-UAA VISHAY-A-103-J-15-C0G-K-5-UAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-J-15-C0G-L-5-TAA VISHAY-A-103-J-15-C0G-L-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-J-15-C0G-L-5-UAA VISHAY-A-103-J-15-C0G-L-5-UAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
A-103-J-15-X7R-K-5-TAA VISHAY-A-103-J-15-X7R-K-5-TAA Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
More results

Descripción similar - A-103-Z-20-Y5V-H-5-UAA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
MONO-KAP50-100 VISHAY-MONO-KAP50-100 Datasheet
368Kb / 13P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Jan-06
K471J15C0GF53L2 VISHAY-K471J15C0GF53L2 Datasheet
132Kb / 14P
   Dipped Radial Multilayer Ceramic Capacitors for 50 - 100 Vdc
Revision: 18-Sep-06
K103M15X7RF5TH5 VISHAY-K103M15X7RF5TH5 Datasheet
104Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 13-Apr-10
K103K15X7RF53H5 VISHAY-K103K15X7RF53H5 Datasheet
97Kb / 13P
   Multilayer Ceramic Dipped Radial Capacitors 50 VDC and 100 VDC
Revision: 16-Nov-09
MONO-AXIAL200-500 VISHAY-MONO-AXIAL200-500 Datasheet
254Kb / 8P
   Dipped Axial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Sep-06
MONO-KAP200-500 VISHAY-MONO-KAP200-500 Datasheet
285Kb / 9P
   Dipped Radial Multilayer Ceramic Capacitors for 200 - 500 Vdc
Revision: 18-Jan-06
K331K15C0GL5TH5 VISHAY-K331K15C0GL5TH5 Datasheet
84Kb / 9P
   Multilayer Ceramic Dipped Radial Capacitors 200 VDC and 500 VDC
Revision: 16-Nov-09
A102J15C0GF5TAA VISHAY-A102J15C0GF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
A223K15X7RF5TAA VISHAY-A223K15X7RF5TAA Datasheet
104Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
Revision: 20-Aug-13
ASERIES VISHAY-ASERIES_V01 Datasheet
106Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose Class 1, Class 2 and Class 3, 50 VDC, 100 VDC, 200 VDC, 500 VDC
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com