Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD5398A-WAFER Datasheet(PDF) 8 Page - Analog Devices

No. de pieza AD5398A-WAFER
Descripción Electrónicos  120 mA, Current Sinking, 10-Bit, I2C DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD5398A-WAFER Datasheet(HTML) 8 Page - Analog Devices

Back Button AD5398A-WAFER Datasheet HTML 4Page - Analog Devices AD5398A-WAFER Datasheet HTML 5Page - Analog Devices AD5398A-WAFER Datasheet HTML 6Page - Analog Devices AD5398A-WAFER Datasheet HTML 7Page - Analog Devices AD5398A-WAFER Datasheet HTML 8Page - Analog Devices AD5398A-WAFER Datasheet HTML 9Page - Analog Devices AD5398A-WAFER Datasheet HTML 10Page - Analog Devices AD5398A-WAFER Datasheet HTML 11Page - Analog Devices AD5398A-WAFER Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD5398A
Rev. 0 | Page 8 of 16
2000
1800
1600
1400
1200
1000
800
600
400
200
0
10
100
1k
100k
10k
FREQUENCY (Hz)
Figure 11. AC Power Supply Rejection Ratio (VDD = 3.6 V)
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
–0.5
85
–40 –30 –20 –10
0
15
25
35
45
55
65
75
–1.0
TEMPERATURE (°C)
POSITIVE INL (VDD = 3.6V)
POSITIVE INL (VDD = 4.5V)
POSITIVE INL (VDD = 3.8V)
NEGATIVE INL (VDD = 3.6V)
NEGATIVE INL (VDD = 4.5V)
NEGATIVE INL (VDD = 3.8V)
Figure 12. INL vs. Temperature vs. Supply Voltage
1.0
85
–40 –30 –20 –10
0
15
25
35
45
55
65
75
–1.0
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
0.6
0.8
TEMPERATURE (°C)
POSITIVE DNL (VDD = 3.6V)
POSITIVE DNL (VDD = 4.5V)
POSITIVE DNL (VDD = 3.8V)
NEGATIVE DNL (VDD = 3.6V)
NEGATIVE DNL (VDD = 4.5V)
NEGATIVE DNL (VDD = 3.8V)
Figure 13. DNL vs. Temperature vs. Supply Voltage
0.45
0.40
0.35
0.30
0.25
0.20
0.15
0.05
0.10
85
–40 –30 –20 –10
0
15
25
35
45
55
65
75
0
TEMPERATURE (°C)
VDD = 3.6V
VDD = 3.8V
VDD = 4.5V
Figure 14. Zero Code Error vs. Temperature vs. Supply Voltage
1.5
1.0
0.5
0
–0.5
–1.0
–1.5
85
–40 –30 –20 –10
0
15
25
35
45
55
65
75
–2.0
TEMPERATURE (°C)
VDD = 3.6V
VDD = 3.8V
VDD = 4.5V
Figure 15. Full-Scale Error vs. Temperature vs. Supply Voltage


Número de pieza similar - AD5398A-WAFER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5398 AD-AD5398 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398 AD-AD5398 Datasheet
395Kb / 6P
   Tape and Reel Packaging
AD5398BCPZ-REEL AD-AD5398BCPZ-REEL Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5398BCPZ-REEL7 AD-AD5398BCPZ-REEL7 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
More results

Descripción similar - AD5398A-WAFER

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD5821A AD-AD5821A Datasheet
500Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398 Datasheet
319Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. A
AD5821 AD-AD5821 Datasheet
506Kb / 16P
   120 mA, Current Sinking, 10-Bit, I2C DAC
REV. 0
AD5398 AD-AD5398_15 Datasheet
580Kb / 17P
   120 mA, Current Sinking, 10-Bit, IC DAC
REV. B
logo
Aimtron Technology
AT5510 AIMTRON-AT5510 Datasheet
208Kb / 12P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Global Mixed-mode Techn...
G2003 GMT-G2003 Datasheet
134Kb / 1P
   120mA, Current Sinking, 10-bit I2C DAC for VCM Driver
logo
Princeton Technology Co...
PT5661 PTC-PT5661 Datasheet
217Kb / 5P
   102.3mA, Current Sinking, 10-bit, I짼C DAC
logo
Maxim Integrated Produc...
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
MAX5112 MAXIM-MAX5112 Datasheet
9Mb / 28P
   9-Channel, 14-Bit, Current DAC with I2C Interface
19-3563; Rev 1; 5/05
MAX5547 MAXIM-MAX5547_09 Datasheet
274Kb / 12P
   Dual, 10-Bit, Current-Sink Output DAC
Rev 2; 7/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com