Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M55342K06B1C100CT1V Datasheet(PDF) 3 Page - Vishay Siliconix |
|
M55342K06B1C100CT1V Datasheet(HTML) 3 Page - Vishay Siliconix |
3 / 4 page E/H (Military M/D55342) www.vishay.com Vishay Dale Thin Film Revision: 04-Nov-14 3 Document Number: 60018 For technical questions, contact: thinfilm@vishay.com THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000 Notes (1) Only add a V at the end of part number to specify Vishay Dale Thin Film for K, L and M TCR and tolerance 1 % and higher. (2) Option 1 marking only. Case sizes 01, 02, 11, and 12 not available due to size. (3) Failure Rate U and V require Group A and B testing on a Production Lot Basis. DERATING GLOBAL PART NUMBER INFORMATION New Global Part Numbering: M55342E06B1C00RTS GLOBAL MODEL TCR CHARACTERISTIC CASE SIZE TERMINATION OHMIC VALUE FAILURE RATE PACKAGING THIN FILM CODE (1) M55342 or D55342 (/07 size only) E = 25 ppm/°C H = 50 ppm/°C K = 100 ppm/°C L = 200 ppm/°C M = 300 ppm/°C 01 = 0502 02 = 0505 03 = 1005 04 = 1505 05 = 2208 06 = 0705 07 = 1206 08 = 2010 09 = 2512 10 = 1010 11 = 0402 12 = 0603 B = Solderable Three digits and a letter. Letter identifies tolerance, acts as multiplier and decimal locator. M = 1.0 % per 1000 h P = 0.1 % per 1000 h R = 0.01 % per 1000 h U = 0.01 % per 1000 h(3) S = 0.001 % per 1000 h V = 0.001 % per 1000 h (3) C = Non ER version Standard Packaging: BS =BULK 100 min., 1 mult WS =WAFFLE 100 min., 1 mult W0 =WAFFLE 100 min.,100 mult TAPE AND REEL T0 = 100 min., 100 mult T1 = 1000 min., 1000 mult T3 = 300 min., 300 mult T5 = 500 min., 500 mult TF = Full reel ( 2K, 4K, or 5K dependent on case size ) per tape and reel document 60034 TS = 100 min., 1 mult Special Packaging: WAFFLE WI = 100 min., 1 mult (item single lot date code) WP =100 min., 1 mult (package unit single lot date code) TAPE AND REEL TI = 100 min., 1 mult (item single lot date code) TP = 100 min., 1 mult (package unit single lot date code) V for K, L and M TCR W/tolerance 1 % M = Part marked (2) MULTIPLIER Tolerance 1 1 k 1 M 0.1 % A B C 0.25 % R U V 0.5 % W Y Z 1 % D E F 2 % G H T 5 % J K L 10 % M N P Historical Part Number example: M55342K06B5E60R (for reference purposes only) M55342 K 06 B 5E60 R SERIES TCR CHARACTERISTIC CASE SIZE TERMINATION VALUE AND TOLERANCE FAILURE RATE Ambient Temperature °C 0 20 40 60 80 100 -75 -50 -25 0 25 50 75 100 125 175 150 5342 06 B E M5 1C 0R T 0 S V |
Número de pieza similar - M55342K06B1C100CT1V |
|
Descripción similar - M55342K06B1C100CT1V |