Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AD9783BCPZRL Datasheet(PDF) 11 Page - Analog Devices

No. de pieza AD9783BCPZRL
Descripción Electrónicos  Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

AD9783BCPZRL Datasheet(HTML) 11 Page - Analog Devices

Back Button AD9783BCPZRL Datasheet HTML 7Page - Analog Devices AD9783BCPZRL Datasheet HTML 8Page - Analog Devices AD9783BCPZRL Datasheet HTML 9Page - Analog Devices AD9783BCPZRL Datasheet HTML 10Page - Analog Devices AD9783BCPZRL Datasheet HTML 11Page - Analog Devices AD9783BCPZRL Datasheet HTML 12Page - Analog Devices AD9783BCPZRL Datasheet HTML 13Page - Analog Devices AD9783BCPZRL Datasheet HTML 14Page - Analog Devices AD9783BCPZRL Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
AD9780/AD9781/AD9783
Rev. A | Page 11 of 36
90
40
45
50
55
60
65
70
75
80
85
0
50
100
150
200
250
300
350
400
450
500
fOUT (MHz)
500MSPS
400MSPS
250MSPS
Figure 17. AD9783 SFDR vs. fOUT Over fDAC in Baseband and Mix Modes,
FS = 20 mA
100
40
45
50
55
60
65
70
75
80
85
90
95
0
25
50
75
100
125
150
175
200
225
250
fOUT (MHz)
10mA
30mA
20mA
Figure 18. AD9783 SFDR vs. fOUT Over Analog Output, TA = 25°C, at 500 MSPS
fOUT (MHz)
100
40
45
50
55
60
65
70
75
80
85
90
95
0
25
50
75
100
125
150
175
200
225
250
–3dBFS
0dBFS
–6dBFS
Figure 19. AD9783 SFDR vs. fOUT Over Digital Input Level,
TA = 25°C, at 500 MSPS, FS = 20 mA
fOUT (MHz)
100
40
45
50
55
60
65
70
75
80
85
90
95
0
25
50
75
100
125
150
175
200
225
250
+25°C
–40°C
+85°C
Figure 20. AD9783 SFDR vs. fOUT Over Temperature, at 500 MSPS, FS = 20 mA
fOUT (MHz)
100
40
45
50
55
60
65
70
75
80
85
90
95
0
50
100
150
200
500
250
300
350
400
450
500MSPS
400MSPS
250MSPS
Figure 21. AD9783 IMD vs. fOUT Over fDAC in Baseband and Mix Modes,
FS = 20 mA
fOUT (MHz)
0
25
50
75
100
125
150
175
200
225
250
40
45
50
55
60
65
70
75
80
85
90
95
100
10mA
20mA
30mA
Figure 22. AD9783 IMD vs. fOUT Over Analog Output, TA = 25°C, at 500 MSPS


Número de pieza similar - AD9783BCPZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9783BCPZRL AD-AD9783BCPZRL Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
More results

Descripción similar - AD9783BCPZRL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD9783 AD-AD9783_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9780 AD-AD9780_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9781 AD-AD9781_15 Datasheet
937Kb / 32P
   Dual 12-/14-/16-Bit, LVDS Interface, 500 MSPS DACs
REV. B
AD9780 AD-AD9780_17 Datasheet
622Kb / 32P
   LVDS Interface, 500 MSPS DACs
AD9734 AD-AD9734_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9736 AD-AD9736_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9734 AD-AD9734_06 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
AD9735 AD-AD9735_15 Datasheet
1Mb / 72P
   10-/12-/14-Bit, 1200 MSPS DACS
REV. A
logo
Linear Technology
LTC2607 LINER-LTC2607_15 Datasheet
295Kb / 20P
   16-/14-/12-Bit Dual Rail-to-Rail DACs with I2C Interface
LTC2642 LINER-LTC2642_15 Datasheet
304Kb / 24P
   16-/14-/12-Bit VOUT DACs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com