Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADA4817-2ACPZ-RL Datasheet(PDF) 6 Page - Analog Devices

No. de pieza ADA4817-2ACPZ-RL
Descripción Electrónicos  Low Noise, 1 GHz FastFET Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADA4817-2ACPZ-RL Datasheet(HTML) 6 Page - Analog Devices

Back Button ADA4817-2ACPZ-RL Datasheet HTML 2Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 3Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 4Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 5Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 6Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 7Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 8Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 9Page - Analog Devices ADA4817-2ACPZ-RL Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ADA4817-1/ADA4817-2
Rev. 0 | Page 6 of 24
NC = NO CONNECT
3
–IN
4
+IN
6NC
5–VS
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
1
PD
2
FB
7OUT
8+VS
ADA4817-1
TOP VIEW
(Not to Scale)
NOTES
1. EXPOSED PAD CAN BE CONNECTED
TO GROUND PLANE OR NEGATIVE
SUPPLY PLANE.
1
–IN1
2
+IN1
3
NC
4
–VS2
11 NC
12 –VS1
10 +IN2
9–IN2
ADA4817-2
TOP VIEW
(Not to Scale)
NC = NO CONNECT
NOTES
1. EXPOSED PAD CAN BE CONNECTED
TO THE GROUND PLANE OR NEGATIVE
SUPPLY PLANE.
Figure 4. 8-Lead LFCSP Pin Configuration
Figure 5. 16-Lead LFCSP Pin Configuration
Table 5. 8-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
PD
Power-Down. Do not leave floating.
2
FB
Feedback Pin.
3
−IN
Inverting Input.
4
+IN
Noninverting Input.
5
−VS
Negative Supply.
6
NC
No Connect.
7
OUT
Output.
8
+VS
Positive Supply.
9 (EPAD)
Exposed
paddle (EPAD)
Exposed Pad. Can be connected to
GND, −VS plane or left floating.
Table 6. 16-Lead LFCSP Pin Function Descriptions
Pin No.
Mnemonic
Description
1
−IN1
Inverting Input 1.
2
+IN1
Noninverting Input 1.
3, 11
NC
No Connect.
4
−VS2
Negative Supply 2.
5
OUT2
Output 2.
6
+VS2
Positive Supply 2.
7
PD2
Power-Down 2. Do not leave floating.
8
FB2
Feedback Pin 2.
9
−IN2
Inverting Input 2.
10
+IN2
Noninverting Input 2.
12
−VS1
Negative Supply 1.
13
OUT1
Output 1.
14
+VS1
Positive Supply 1.
15
PD1
Power-Down 1. Do not leave floating.
16
FB1
Feedback Pin 1.
17 (EPAD)
Exposed
paddle (EPAD)
Exposed Pad. Can be connected to
GND, −VS plane or left floating.


Número de pieza similar - ADA4817-2ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4817-2ACPZ-RL AD-ADA4817-2ACPZ-RL Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-2ACPZ-RL AD-ADA4817-2ACPZ-RL Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
More results

Descripción similar - ADA4817-2ACPZ-RL

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADA4817-1ARDZ AD-ADA4817-1ARDZ Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-1 AD-ADA4817-1_16 Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com