Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
ADA4932-1 Datasheet(PDF) 3 Page - Analog Devices |
|
ADA4932-1 Datasheet(HTML) 3 Page - Analog Devices |
3 / 28 page ADA4932-1/ADA4932-2 Rev. 0 | Page 3 of 28 SPECIFICATIONS ±5 V OPERATION TA = 25°C, +VS = 5 V, −VS = −5 V, VOCM = 0 V, RF = 499 Ω, RG = 499 Ω, RT = 53.6 Ω (when used), RL,dm = 1 kΩ, unless otherwise noted. All specifications refer to single-ended input and differential outputs, unless otherwise noted. Refer to Figure 55 for signal definitions. ±DIN to VOUT,dm Performance Table 1. Parameter Conditions Min Typ Max Unit DYNAMIC PERFORMANCE −3 dB Small Signal Bandwidth V OUT, dm = 0.1 V p-p 560 MHz V OUT, dm = 0.1 V p-p, RF = RG = 205 Ω 1000 MHz −3 dB Large Signal Bandwidth V OUT, dm = 2.0 V p-p 360 MHz V OUT, dm = 2.0 V p-p, RF = RG = 205 Ω 360 MHz Bandwidth for 0.1 dB Flatness V OUT, dm = 2.0 V p-p, ADA4932-1, RL = 200 Ω 300 MHz V OUT, dm = 2.0 V p-p, ADA4932-2, RL = 200 Ω 100 MHz Slew Rate V OUT, dm = 2 V p-p, 25% to 75% 2800 V/µs Settling Time to 0.1% V OUT, dm = 2 V step 9 ns Overdrive Recovery Time V IN = 0 V to 5 V ramp, G = 2 20 ns NOISE/HARMONIC PERFORMANCE See Figure 54 for distortion test circuit Second Harmonic V OUT, dm = 2 V p-p, 1 MHz −110 dBc V OUT, dm = 2 V p-p, 10 MHz −100 dBc V OUT, dm = 2 V p-p, 20 MHz −90 dBc V OUT, dm = 2 V p-p, 50 MHz −72 dBc Third Harmonic V OUT, dm = 2 V p-p, 1 MHz −130 dBc V OUT, dm = 2 V p-p, 10 MHz −120 dBc V OUT, dm = 2 V p-p, 20 MHz −105 dBc V OUT, dm = 2 V p-p, 50 MHz −80 dBc IMD f 1 = 30 MHz, f2 = 30.1 MHz, VOUT, dm = 2 V p-p −91 dBc Voltage Noise (RTI) f = 1 MHz 3.6 nV/√Hz Input Current Noise f = 1 MHz 1.0 pA/√Hz Crosstalk f = 10 MHz, ADA4932-2 −100 dB INPUT CHARACTERISTICS Offset Voltage V +DIN = V−DIN = VOCM = 0 V −2.2 ±0.5 +2.2 mV T MIN to TMAX variation −3.7 µV/°C Input Bias Current −5.2 −2.5 −0.1 µA T MIN to TMAX variation −9.5 nA/°C Input Offset Current −0.2 ±0.025 +0.2 µA Input Resistance Differential 11 MΩ Common mode 16 MΩ Input Capacitance 0.5 pF Input Common-Mode Voltage Range −V S + 0.2 to +V S − 1.8 V CMRR ∆V OUT, dm/∆VIN, cm, ∆VIN, cm = ±1 V −100 −87 dB Open-Loop Gain 64 66 dB OUTPUT CHARACTERISTICS Output Voltage Swing Maximum ∆V OUT, single-ended output, R F = RG = 10 kΩ, RL = 1 kΩ −V S + 1.4 to +V S − 1.4 −V S + 1.2 to +V S − 1.2 V Linear Output Current 200 kHz, R L, dm = 10 Ω, SFDR = 68 dB 80 mA rms Output Balance Error ∆V OUT, cm/∆VOUT, dm, ∆VOUT, dm = 2 V p-p, 1 MHz, see Figure 53 for output balance test circuit −64 −60 dB |
Número de pieza similar - ADA4932-1 |
|
Descripción similar - ADA4932-1 |