Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADUM5200CRWZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADUM5200CRWZ
Descripción Electrónicos  Dual Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADUM5200CRWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADUM5200CRWZ Datasheet HTML 6Page - Analog Devices ADUM5200CRWZ Datasheet HTML 7Page - Analog Devices ADUM5200CRWZ Datasheet HTML 8Page - Analog Devices ADUM5200CRWZ Datasheet HTML 9Page - Analog Devices ADUM5200CRWZ Datasheet HTML 10Page - Analog Devices ADUM5200CRWZ Datasheet HTML 11Page - Analog Devices ADUM5200CRWZ Datasheet HTML 12Page - Analog Devices ADUM5200CRWZ Datasheet HTML 13Page - Analog Devices ADUM5200CRWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
ADuM5200/ADuM5201/ADuM5202
Rev. 0 | Page 10 of 24
ABSOLUTE MAXIMUM RATINGS
Ambient temperature = 25°C, unless otherwise noted.
Table 8.
Parameter
Rating
Storage Temperature (TST)
−55°C to +150°C
Ambient Operating Temperature (TA)
−40°C to +105°C
Supply Voltages (VDD, VISO)1
−0.5 V to +7.0 V
VISO Supply Current2
100 mA
Input Voltage
(VIA, VIB, VE1, VE2,RCSEL, VSEL)1, 3
−0.5 V to VDDI + 0.5 V
Output Voltage
(VOA, VOB)1, 3
−0.5 V to VDDO + 0.5 V
Average Output Current per Data
Output Pin4
−10 mA to +10 mA
Common-Mode Transients5
−100 kV/μs to +100 kV/μs
1 Each voltage is relative to its respective ground.
2 The VISO provides current for dc and dynamic loads on the Side 2
input/output channels. This current must be included when determining the
total VISO supply current.
3 VDDI and VDDO refer to the supply voltages on the input and output sides of a
given channel, respectively. See the PCB Layout section.
4 See Figure 5 for maximum rated current values for various temperatures.
5 Refers to common-mode transients across the insulation barrier. Common-
mode transients exceeding the absolute maximum ratings may cause latch-up
or permanent damage.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Table 9. Maximum Continuous Working Voltage Supporting
a 50-Year Minimum Lifetime1
Parameter
Max
Unit
Reference Standard
AC Voltage
Bipolar Waveform
424
V peak
50-year minimum
lifetime
Unipolar Waveform
Basic Insulation
600
V peak
Maximum approved
working voltage per
IEC 60950-1
Reinforced Insulation
560
V peak
Maximum approved
working voltage per
IEC 60950-1 and
VDE V 0884-10
DC Voltage
Basic Insulation
600
V peak
Maximum approved
working voltage per
IEC 60950-1
Reinforced Insulation
560
V peak
Maximum approved
working voltage per
IEC 60950-1 and
VDE V 0884-10
1 Refers to continuous voltage magnitude imposed across the isolation
barrier. See the Insulation Lifetime section for more details.
ESD CAUTION


Número de pieza similar - ADUM5200CRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5200CRWZ AD-ADUM5200CRWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5200CRWZ AD-ADUM5200CRWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5200CRWZ1 AD-ADUM5200CRWZ1 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200CRWZ2 AD-ADUM5200CRWZ2 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
More results

Descripción similar - ADUM5200CRWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com