Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ADV3202ASWZ Datasheet(PDF) 10 Page - Analog Devices

No. de pieza ADV3202ASWZ
Descripción Electrónicos  300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AD [Analog Devices]
Página de inicio  http://www.analog.com
Logo AD - Analog Devices

ADV3202ASWZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADV3202ASWZ Datasheet HTML 6Page - Analog Devices ADV3202ASWZ Datasheet HTML 7Page - Analog Devices ADV3202ASWZ Datasheet HTML 8Page - Analog Devices ADV3202ASWZ Datasheet HTML 9Page - Analog Devices ADV3202ASWZ Datasheet HTML 10Page - Analog Devices ADV3202ASWZ Datasheet HTML 11Page - Analog Devices ADV3202ASWZ Datasheet HTML 12Page - Analog Devices ADV3202ASWZ Datasheet HTML 13Page - Analog Devices ADV3202ASWZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADV3202/ADV3203
Rev. 0 | Page 10 of 20
TRUTH TABLE AND LOGIC DIAGRAM
Table 8. Operation Truth Table
CS
UPDATE
CLK
DATA INPUT
DATA OUTPUT
RESET
Operation/Comment
X
X
X
X
X
0
Asynchronous reset. All outputs are disabled; the 193-bit shift
register is reset to all 0s.
0
1
Datai1
Datai-193
1
The data on the serial DATA IN line is loaded into the serial
register. The first bit clocked into the serial register appears at
DATA OUT 193 clock cycles later.
0
0
X
X
X
1
Switch matrix update. Data in the 193-bit shift register transfers
into the parallel latches that control the switch array and sync-
tip clamps.
1
X
X
X
X
1
Chip is not selected. No change in logic.
1 Datai: serial data.


Número de pieza similar - ADV3202ASWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3200 AD-ADV3200 Datasheet
1Mb / 36P
   300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3200ASWZ AD-ADV3200ASWZ Datasheet
1Mb / 36P
   300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3201 AD-ADV3201 Datasheet
1Mb / 36P
   300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3201ASWZ AD-ADV3201ASWZ Datasheet
1Mb / 36P
   300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
   60 MHz, G = 2, 16 횞 16
REV. 0
More results

Descripción similar - ADV3202ASWZ

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
ADV3200 AD-ADV3200 Datasheet
1Mb / 36P
   300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
   600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116 AD-AD8116 Datasheet
287Kb / 26P
   200 MHz, 16 x 16 Buffered Video Crosspoint Switch
REV. A
ADV3226 AD-ADV3226 Datasheet
606Kb / 24P
   750 MHz, 16 x 16 Analog Crosspoint Switch
AD8177 AD-AD8177 Datasheet
854Kb / 40P
   500 MHz, Triple 16 횞 5 Video Crosspoint Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com