Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54232DR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54232DR
Descripción Electrónicos  2A, 28V, 1MHz, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54232DR Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS54232DR Datasheet HTML 3Page - Texas Instruments TPS54232DR Datasheet HTML 4Page - Texas Instruments TPS54232DR Datasheet HTML 5Page - Texas Instruments TPS54232DR Datasheet HTML 6Page - Texas Instruments TPS54232DR Datasheet HTML 7Page - Texas Instruments TPS54232DR Datasheet HTML 8Page - Texas Instruments TPS54232DR Datasheet HTML 9Page - Texas Instruments TPS54232DR Datasheet HTML 10Page - Texas Instruments TPS54232DR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
OVERVIEW
DETAILED DESCRIPTION
FIXED FREQUENCY PWM CONTROL
ECO-MODE
TM
VOLTAGE REFERENCE (Vref)
BOOTSTRAP VOLTAGE (BOOT)
TPS54232
www.ti.com ........................................................................................................................................................................................... SLVS876 – NOVEMBER 2008
TYPICAL CHARACTERISTICS (continued)
The TPS54232 is a 28-V, 2-A, step-down (buck) converter with an integrated high-side n-channel MOSFET. To
improve performance during line and load transients, the device implements a constant frequency, current mode
control which reduces output capacitance and simplifies external frequency compensation design. The
TPS54232 has a pre-set switching frequency of 1MHz.
The TPS54232 needs a minimum input voltage of 3.5 V to operate normally. The EN pin has an internal pull-up
current source that can be used to adjust the input voltage under-voltage lockout (UVLO) with two external
resistors. In addition, the pull-up current provides a default condition when the EN pin is floating for the device to
operate. The operating current is 85
µA typically when not switching and under no load. When the device is
disabled, the supply current is 1
µA typically.
The integrated 80 m
Ω high-side MOSFET allows for high efficiency power supply designs with continuous output
currents up to 2A.
The TPS54232 reduces the external component count by integrating the boot recharge diode. The bias voltage
for the integrated high-side MOSFET is supplied by an external capacitor on the BOOT to PH pin. The boot
capacitor voltage is monitored by an UVLO circuit and will turn the high-side MOSFET off when the voltage falls
below a preset threshold of 2.1V typically. The output voltage can be stepped down to as low as the reference
voltage.
By adding an external capacitor, the slow start time of the TPS54232 can be adjustable which enables flexible
output filter selection.
To improve the efficiency at light load conditions, the TPS54232 enters a special pulse skipping Eco-modeTM
when the peak inductor current drops below 100mA typically.
The frequency foldback reduces the switching frequency during startup and over current conditions to help
control the inductor current. The thermal shut down gives the additional protection under fault conditions.
The TPS54232 uses a fixed frequency, peak current mode control. The internal switching frequency of the
TPS54232 is fixed at 1MHz.
The TPS54232 is designed to operate in pulse skipping Eco-modeTM at light load currents to boost light load
efficiency. When the peak inductor current is lower than 100 mA typically, the COMP pin voltage falls to 0.5V
typically and the device enters Eco-modeTM . When the device is in Eco-modeTM, the COMP pin voltage is
clamped at 0.5V internally which prevents the high side integrated MOSFET from switching. The peak inductor
current must rise above 100mA for the COMP pin voltage to rise above 0.5V and exit Eco-modeTM. Since the
integrated current comparator catches the peak inductor current only, the average load current entering
Eco-modeTM varies with the applications and external output filters.
The voltage reference system produces a ±2% initial accuracy voltage reference (±3.5% over temperature) by
scaling the output of a temperature stable bandgap circuit. The typical voltage reference is designed at 0.8V.
The TPS54232 has an integrated boot regulator and requires a 0.1
µF ceramic capacitor between the BOOT and
PH pin to provide the gate drive voltage for the high-side MOSFET. A ceramic capacitor with an X7R or X5R
grade dielectric is recommended because of the stable characteristics over temperature and voltage. To improve
drop out, the TPS54232 is designed to operate at 100% duty cycle as long as the BOOT to PH pin voltage is
greater than 2.1V typically.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS54232


Número de pieza similar - TPS54232DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54232 TI-TPS54232_15 Datasheet
650Kb / 31P
[Old version datasheet]   TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
More results

Descripción similar - TPS54232DR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54531 TI1-TPS54531 Datasheet
1Mb / 27P
[Old version datasheet]   5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com