Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS54617RUVT Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS54617RUVT
Descripción Electrónicos  3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS54617RUVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54617RUVT Datasheet HTML 2Page - Texas Instruments TPS54617RUVT Datasheet HTML 3Page - Texas Instruments TPS54617RUVT Datasheet HTML 4Page - Texas Instruments TPS54617RUVT Datasheet HTML 5Page - Texas Instruments TPS54617RUVT Datasheet HTML 6Page - Texas Instruments TPS54617RUVT Datasheet HTML 7Page - Texas Instruments TPS54617RUVT Datasheet HTML 8Page - Texas Instruments TPS54617RUVT Datasheet HTML 9Page - Texas Instruments TPS54617RUVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
Falling
Edge
Deglitch
Enable
Comparator
1.2V
VIN
2.95V
Hysteresis:0.03V
2.5 s
m
Falling
and
Rising
Edge
Deglitch
2.5 s
m
VINUVLO
Comparator
Hysteresis:0.16V
Internal/External
Slow-start
(InternalSlow-startTime=3.35ms
Reference
V
=0.891V
ref
+
Error
Amplifier
Thermal
Shutdown
150 C
o
SHUTDOWN
SS DIS
_
PWM
Comparator
OSC
Leading
Edge
Blanking
100ns
R
Q
S
AdaptiveDead-Time
and
ControlLogic
SHUTDOWN
15mW
VIN
REG
VBIAS
VIN
BOOT
VIN
PH
CO
PGND
PWRGD
Falling
Edge
Deglitch
35 s
m
VSENSE
SHUTDOWN
0.90Vref
Hysteresis:0.03Vref
Powergood
Comparator
AGND
VBIAS
ILIM
Comparator
3 − 4V
VO
SYNC
RT
COMP
VSENSE
SS/ENA
TPS54917
15mW
LOUT
RELATED DC/DC PRODUCTS
TPS54617
SLVS880 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
INTERNAL BLOCK DIAGRAM
• TPS40000 – dc/dc controller
• TPS56300 – dc/dc controller
• TPS54610 - SWIFT 6A converter
• TPS54917 and TPS54910 - SWIFT 9A converters
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s) :TPS54617


Número de pieza similar - TPS54617RUVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54617RUVT TI1-TPS54617RUVT Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
More results

Descripción similar - TPS54617RUVT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS54617 TI1-TPS54617_17 Datasheet
855Kb / 22P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54617 TI-TPS54617_15 Datasheet
794Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A, SMALL SYNCHRONOUS-BUCK SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610PWPG4 TI-TPS54610PWPG4 Datasheet
976Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54611-Q1 TI-TPS54611-Q1 Datasheet
256Kb / 18P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs(SWIFT)
TPS54611-EP TI1-TPS54611-EP Datasheet
789Kb / 21P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54611 TI1-TPS54611 Datasheet
1Mb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54616MPWPREP TI-TPS54616MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
TPS54610PWPR TI-TPS54610PWPR Datasheet
1,019Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54610-EP TI1-TPS54610-EP Datasheet
829Kb / 24P
[Old version datasheet]   3 V TO 6 V INPUT, 6 A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT??
TPS54612MPWPREP TI-TPS54612MPWPREP Datasheet
1,012Kb / 24P
[Old version datasheet]   3-V TO 6-V INPUT, 6-A OUTPUT SYNCHRONOUS BUCK PWM SWITCHER WITH INTEGRATED FETs (SWIFT)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com