Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3838J25-EP Datasheet(PDF) 9 Page - Texas Instruments

No. de pieza TPS3838J25-EP
Descripción Electrónicos  NANOPOWER SUPERVISORY CIRCUITS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3838J25-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS3838J25-EP Datasheet HTML 5Page - Texas Instruments TPS3838J25-EP Datasheet HTML 6Page - Texas Instruments TPS3838J25-EP Datasheet HTML 7Page - Texas Instruments TPS3838J25-EP Datasheet HTML 8Page - Texas Instruments TPS3838J25-EP Datasheet HTML 9Page - Texas Instruments TPS3838J25-EP Datasheet HTML 10Page - Texas Instruments TPS3838J25-EP Datasheet HTML 11Page - Texas Instruments TPS3838J25-EP Datasheet HTML 12Page - Texas Instruments TPS3838J25-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
IOL − Low-Level Output Current − mA
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
6
7
VDD = 2 V
MR = Open
CT = GND
TA = 25°C
TA = −40°C
TA = 85°C
TA = 0°C
0.0
0.5
1.0
1.5
2.0
0
1
2
3
4
5
IOH − High-Level Output Current − mA
VDD = 2 V
MR = Open
CT = GND
TA = 85°C
TA = −40°C
TA = 0°C
TA = 25°C
0.995
0.996
0.997
0.998
0.999
1.001
−40
−15
10
35
60
85
TA − Free-Air Temperature − °C
CT = GND
MR = Open
1
0
2
4
6
8
10
12
14
16
18
20
22
0
0.2
0.4 0.6
0.8
1
1.2 1.4
1.6 1.8
2
MR = Open
CT = GND
TA = 25°C
VDD − Threshold Overdrive − V
TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP
TPS3837E18-EP / J25-EP / L30-EP / K33-EP
TPS3838E18-EP / J25-EP / L30-EP / K33-EP
www.ti.com.................................................................................................................................................... SGLS322D – MAY 2006 – REVISED NOVEMBER 2008
LOW-LEVEL OUTPUT VOLTAGE
HIGH-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
HIGH-LEVEL OUTPUT CURRENT
Figure 4.
Figure 5.
NORMALIZED RESET THRESHOLD VOLTAGE
MINIMUM PULSE DURATION AT VDD
vs
vs
FREE-AIR TEMPERATURE
VDD THRESHOLD OVERDRIVE
Figure 6.
Figure 7.
Copyright © 2006–2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS3836E18-EP / J25-EP / H30-EP / L30-EP / K33-EP TPS3837E18-EP / J25-EP / L30-EP /
K33-EP TPS3838E18-EP / J25-EP / L30-EP / K33-EP


Número de pieza similar - TPS3838J25-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3838J25-Q1 TI-TPS3838J25-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
TPS3838J25-Q1 TI1-TPS3838J25-Q1 Datasheet
839Kb / 18P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results

Descripción similar - TPS3838J25-EP

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3836 TI1-TPS3836 Datasheet
708Kb / 16P
[Old version datasheet]   NanoPower Supervisory Circuits
TPS3836E18 TI-TPS3836E18 Datasheet
173Kb / 11P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
TPS3836E18-EP TI1-TPS3836E18-EP_16 Datasheet
789Kb / 16P
[Old version datasheet]   NANOPOWER SUPERVISORY CIRCUITS
logo
ON Semiconductor
CAT8836 ONSEMI-CAT8836 Datasheet
113Kb / 7P
   NanoPower Supervisory Circuit
January, 2011 ??Rev. 0
logo
Maxim Integrated Produc...
MAX6854UK16D3-T MAXIM-MAX6854UK16D3-T Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6864UK16D1L MAXIM-MAX6864UK16D1L Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX6854 MAXIM-MAX6854 Datasheet
791Kb / 17P
   Nanopower uP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 2; 9/04
MAX6854UK16D3 MAXIM-MAX6854UK16D3 Datasheet
495Kb / 17P
   Nanopower μP Supervisory Circuits with Manual Reset and Watchdog Timer
Rev 4; 12/05
MAX16056 MAXIM-MAX16056_V01 Datasheet
695Kb / 17P
   125nA nanoPower Supervisory Circuits with Capacitor-Adjustable Reset and Watchdog Timeouts
2021
logo
Texas Instruments
TPS3836E18-Q1 TI-TPS3836E18-Q1 Datasheet
230Kb / 13P
[Old version datasheet]   NANOPOWER SUPERVIDORY CIRCUITS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com