Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS62561 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TPS62561
Descripción Electrónicos  2.25-MHz, 600-mA Step-Down Converter in TSOT and 2- 횞 2- 횞 0,8-mm SON Package
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS62561 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TPS62561 Datasheet HTML 3Page - Texas Instruments TPS62561 Datasheet HTML 4Page - Texas Instruments TPS62561 Datasheet HTML 5Page - Texas Instruments TPS62561 Datasheet HTML 6Page - Texas Instruments TPS62561 Datasheet HTML 7Page - Texas Instruments TPS62561 Datasheet HTML 8Page - Texas Instruments TPS62561 Datasheet HTML 9Page - Texas Instruments TPS62561 Datasheet HTML 10Page - Texas Instruments TPS62561 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
– OutputCurrent – mA
OUT
V
=2.7V
IN
V
=3V
IN
V
=3.6V
IN
V
=4.5V
IN
V
=1.8V
MODE=V
L =2.2 H
OUT
IN
m
G003
0
10
20
30
40
50
60
70
80
90
100
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
OUT
V
=1.8V
MODE=GND
L =2.2 H
DCR110mR
OUT
m
V
=3V
IN
V
=2.7V
IN
V
=3.6V
IN
V
=4.5V
IN
G002
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
I
– OutputCurrent – mA
OUT
V
=3.3V
MODE=V
L =2.2 H
DCR110m
C
=10 F0603
OUT
IN
OUT
m
W
m
V
=3.6V
IN
V
=4.2V
IN
V
=4.5V
IN
V
=5V
IN
0
10
20
30
40
50
60
70
80
90
0.01
0.1
1
10
100
1000
I
– OutputCurrent – mA
OUT
100
V
=4.2V
IN
V
=4.5V
IN
V
=3.6V
IN
V
=3.3V
MODE=GND
L =2.2 H
DCR=110mH
C
=10 F0603
OUT
OUT
m
m
V
=5V
IN
TPS62560
TPS62561, TPS62562
www.ti.com ........................................................................................................................................... SLVS815B – JANUARY 2008 – REVISED NOVEMBER 2008
EFFICIENCY (Power Save Mode)
EFFICIENCY (Forced PWM Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
EFFICIENCY (Forced PWM Mode)
EFFICIENCY (Power Save Mode)
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 4.
Figure 5.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TPS62560 TPS62561 TPS62562


Número de pieza similar - TPS62561

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
More results

Descripción similar - TPS62561

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS62560 TI-TPS62560_15 Datasheet
1Mb / 32P
[Old version datasheet]   2.25-MHz, 600-mA Step-Down Converter in TSOT and 2 횞 2 횞 0.8-mm QFN Package
TPS62590-Q1 TI-TPS62590-Q1_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS62590-Q1 Automotive 2.25-MHz 1-A Step-Down Converter In 2-mm 횞 2-mm SON Package
TLV620612-Q1 TI1-TLV620612-Q1 Datasheet
1Mb / 27P
[Old version datasheet]   3-MHz 2-A Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62290-Q1 TI1-TPS62290-Q1_16 Datasheet
1Mb / 27P
[Old version datasheet]   1-A Step Down Converter in 2-mm 횞 2-mm SON Package
TPS62065 TI-TPS62065_15 Datasheet
1Mb / 28P
[Old version datasheet]   TPS6206x 3-MHz, 2-A, Step-Down Converter in 2-mm 횞 2-mm SON Package
TPS62260 TI-TPS62260 Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62260 TI-TPS62260_08 Datasheet
1Mb / 31P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2SON/TSOT-23 Package
TPS62262DDCT TI-TPS62262DDCT Datasheet
1Mb / 32P
[Old version datasheet]   2.25 MHz 600 mA Step Down Converter in 2x2 QFN / TSOT-23 Package
TPS62420 TI-TPS62420_15 Datasheet
1Mb / 38P
[Old version datasheet]   TPS6242x 2.25-MHz 600-mA and 1000-mA Dual Step-Down Converter in Small 3-mm 횞 3-mm VSON Package
TPS62410 TI1-TPS62410_16 Datasheet
1Mb / 36P
[Old version datasheet]   2.25-MHz 2 x 800-mA Dual Step-Down Converter in Small 3 횞 3 mm VSON Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com